Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ51A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P6SMBJ51A
Description  SMD Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6SMBJ51A Datasheet(HTML) 2 Page - Diotec Semiconductor

  P6SMBJ51A Datasheet HTML 1Page - Diotec Semiconductor P6SMBJ51A Datasheet HTML 2Page - Diotec Semiconductor P6SMBJ51A Datasheet HTML 3Page - Diotec Semiconductor P6SMBJ51A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P6SMBJ5.0 ... P6SMBJ170CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM 1)
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidire
bidire
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P6SMBJ5.0
P6SMBJ5.0C
5.0
800
6.4 *)
7.8 *)
10.3
58.3
P6SMBJ5.0A
P6SMBJ5.0CA
5.0
800
6.4 *)
7.0 *)
9.2
65.2
P6SMBJ6.0
P6SMBJ6.0C
6.0
800
6.7 *)
8.2 *)
11.4
52.6
P6SMBJ6.0A
P6SMBJ6.0CA
6.0
800
6.7 *)
7.4 *)
10.3
58.3
P6SMBJ6.5
P6SMBJ6.5C
6.5
500
7.2 *)
8.8 *)
12.3
48.8
P6SMBJ6.5A
P6SMBJ6.5CA
6.5
500
7.2 *)
8.0 *)
11.2
53.6
P6SMBJ7.0
P6SMBJ7.0C
7.0
200
7.8 *)
9.5 *)
13.3
45.1
P6SMBJ7.0A
P6SMBJ7.0CA
7.0
200
7.8 *)
8.7 *)
12.0
50.0
P6SMBJ7.5
P6SMBJ7.5C
7.5
100
8.3
10.1
14.3
42.0
P6SMBJ7.5A
P6SMBJ7.5CA
7.5
100
8.3
9.2
12.9
46.5
P6SMBJ8.0
P6SMBJ8.0C
8.0
50
8.9
10.9
15.0
40.0
P6SMBJ8.0A
P6SMBJ8.0CA
8.0
50
8.9
9.9
13.6
44.1
P6SMBJ8.5
P6SMBJ8.5C
8.5
10
9.4
11.5
15.9
37.7
P6SMBJ8.5A
P6SMBJ8.5CA
8.5
10
9.4
10.4
14.4
41.7
P6SMBJ9.0
P6SMBJ9.0C
9.0
5
10.0
12.2
16.9
35.5
P6SMBJ9.0A
P6SMBJ9.0CA
9.0
5
10.0
11.1
15.4
39.0
P6SMBJ10
P6SMBJ10C
10
5
11.1
13.5
18.8
31.9
P6SMBJ10A
P6SMBJ10CA
10
5
11.1
12.3
17.0
35.3
P6SMBJ11
P6SMBJ11C
11
5
12.2
14.9
20.1
29.9
P6SMBJ11A
P6SMBJ11CA
11
5
12.2
13.5
18.2
33.0
P6SMBJ12
P6SMBJ12C
12
5
13.3
16.2
22.0
27.3
P6SMBJ12A
P6SMBJ12CA
12
5
13.3
14.8
19.9
30.2
P6SMBJ13
P6SMBJ13C
13
5
14.4
17.6
23.8
25.2
P6SMBJ13A
P6SMBJ13CA
13
5
14.4
16.0
21.5
27.9
P6SMBJ14
P6SMBJ14C
14
5
15.6
19.0
25.8
23.3
P6SMBJ14A
P6SMBJ14CA
14
5
15.6
17.3
23.2
25.9
P6SMBJ15
P6SMBJ15C
15
5
16.7
20.4
26.9
22.3
P6SMBJ15A
P6SMBJ15CA
15
5
16.7
18.6
24.4
24.6
P6SMBJ16
P6SMBJ16C
16
5
17.8
21.7
28.8
20.8
P6SMBJ16A
P6SMBJ16CA
16
5
17.8
19.8
26.0
23.1
P6SMBJ17
P6SMBJ17C
17
5
18.9
23.1
30.5
19.7
P6SMBJ17A
P6SMBJ17CA
17
5
18.9
21.0
27.6
21.7
P6SMBJ18
P6SMBJ18C
18
5
20.0
24.4
32.2
18.6
P6SMBJ18A
P6SMBJ18CA
18
5
20.0
22.2
29.2
20.5
P6SMBJ20
P6SMBJ20C
20
5
22.2
27.1
35.8
16.8
P6SMBJ20A
P6SMBJ20CA
20
5
22.2
24.6
32.4
18.5
P6SMBJ22
P6SMBJ22C
22
5
24.4
29.8
39.4
15.2
P6SMBJ22A
P6SMBJ22CA
22
5
24.4
27.1
35.5
16.9
P6SMBJ24
P6SMBJ24C
24
5
26.7
32.6
43.0
14.0
P6SMBJ24A
P6SMBJ24CA
24
5
26.7
29.6
38.9
15.4
P6SMBJ26
P6SMBJ26C
26
5
28.9
35.3
46.6
12.9
P6SMBJ26A
P6SMBJ26CA
26
5
28.9
32.1
42.1
14.3
P6SMBJ28
P6SMBJ28C
28
5
31.1
37.9
50.0
12.0
P6SMBJ28A
P6SMBJ28CA
28
5
31.1
34.5
45.4
13.2
P6SMBJ30
P6SMBJ30C
30
5
33.3
40.1
53.5
11.2
P6SMBJ30A
P6SMBJ30CA
30
5
33.3
36.9
48.4
12.4
P6SMBJ33
P6SMBJ33C
33
5
36.7
44.8
59.0
10.2
1
Bi-directional types with VWM ≤ 10V have double reverse current limit – Bidirektionale Typen mit VWM ≤ 10V haben die doppelte Sperrstromgrenze
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - P6SMBJ51A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ51A PANJIT-P6SMBJ51A Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Diotec Semiconductor
P6SMBJ51A DIOTEC-P6SMBJ51A Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Surge Components
P6SMBJ51A SURGE-P6SMBJ51A Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Pan Jit International I...
P6SMBJ51A PANJIT-P6SMBJ51A Datasheet
115Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ51A TRSYS-P6SMBJ51A Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ51A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
SMF5.0A DIOTEC-SMF5.0A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_16 Datasheet
168Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_17 Datasheet
150Kb / 3P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A Datasheet
157Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com