Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDD609CI Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXDD609CI
Description  9A Peak Source/Sink Drive Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD609CI Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXDD609CI Datasheet HTML 2Page - IXYS Corporation IXDD609CI Datasheet HTML 3Page - IXYS Corporation IXDD609CI Datasheet HTML 4Page - IXYS Corporation IXDD609CI Datasheet HTML 5Page - IXYS Corporation IXDD609CI Datasheet HTML 6Page - IXYS Corporation IXDD609CI Datasheet HTML 7Page - IXYS Corporation IXDD609CI Datasheet HTML 8Page - IXYS Corporation IXDD609CI Datasheet HTML 9Page - IXYS Corporation IXDD609CI Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_609
6
www.ixysic.com
R06
3
Block Diagrams & Truth Tables
3.1 IXDD609
3.2 IXDI609
3.3 IXDN609
IN
EN
OUT
0
1 or open
0
1
1 or open
1
x0
Z
IN
OUT
0
1
1
0
GND
IN
EN
V
CC
OUT
IN
V
CC
GND
OUT
IN
OUT
0
0
1
1
IN
V
CC
GND
OUT


Similar Part No. - IXDD609CI

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXDD609CI CLARE-IXDD609CI Datasheet
1Mb / 14P
   9-Ampere Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDD609CI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
   4A Peak Source/Sink Drive Current
IXD_602 IXYS-IXD_602 Datasheet
308Kb / 13P
   2A Peak Source/Sink Drive Current
IXD_614 IXYS-IXD_614 Datasheet
310Kb / 14P
   14A Peak Source/Sink Drive Current
IXD_630 IXYS-IXD_630 Datasheet
271Kb / 12P
   30A Peak Source/Sink Drive Current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900_15 Datasheet
176Kb / 6P
   Up to 8 Amp Peak Source and Sink Current
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Source and Current Sink
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com