Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDD604SI Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDD604SI
Description  4A Peak Source/Sink Drive Current
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD604SI Datasheet(HTML) 4 Page - IXYS Corporation

  IXDD604SI Datasheet HTML 1Page - IXYS Corporation IXDD604SI Datasheet HTML 2Page - IXYS Corporation IXDD604SI Datasheet HTML 3Page - IXYS Corporation IXDD604SI Datasheet HTML 4Page - IXYS Corporation IXDD604SI Datasheet HTML 5Page - IXYS Corporation IXDD604SI Datasheet HTML 6Page - IXYS Corporation IXDD604SI Datasheet HTML 7Page - IXYS Corporation IXDD604SI Datasheet HTML 8Page - IXYS Corporation IXDD604SI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R07
IXD_604
1.5 Electrical Characteristics: TA = 25°C
Test Conditions: 4.5V < VCC < 35V, one channel (unless otherwise noted).
1.6 Electrical Characteristics: -40°C < TA < +125°C
Test Conditions: 4.5V < VCC < 35V, one channel (unless otherwise noted).
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Input Voltage, High
4.5V
< VCC < 18V
VIH
3.0
-
-
V
Input Voltage, Low
4.5V
< VCC < 18V
VIL
--
0.8
Input Current
0V
< VIN < VCC
IIN
--
±10
A
High EN Input Voltage
IXDD604 only
VENH
2/3VCC
--
V
Low EN Input Voltage
IXDD604 only
VENL
--
1/3VCC
Output Voltage, High
-
VOH
VCC-0.025
--
V
Output Voltage, Low
-
VOL
-
-
0.025
Output Resistance, High State
VCC=18V, IOUT=-10mA
ROH
-1.3
2.5
Output Resistance, Low State
VCC=18V, IOUT=10mA
ROL
-1.1
2
Output Current, Continuous
Limited by package power
dissipation
IDC
--
±1
A
Rise Time
VCC=18V, CLOAD=1000pF
tr
-9
16
ns
Fall Time
VCC=18V, CLOAD=1000pF
tf
-8
14
On-Time Propagation Delay
VCC=18V, CLOAD=1000pF
tondly
-29
50
Off-Time Propagation Delay
VCC=18V, CLOAD=1000pF
toffdly
-35
50
Enable to Output-High Delay Time
IXDD604 only, VCC=18V
tENOH
-35
55
Disable to High Impedance State Delay Time
IXDD604 only, VCC=18V
tDOLD
-40
55
Enable Pull-Up Resistor
-
REN
-200
-
k
Power Supply Current
VCC=18V, VIN=3.5V
ICC
-1
3
mA
VCC=18V, VIN=0V
-<1
10
A
VCC=18V, VIN=VCC
-<1
10
Parameter
Conditions
Symbol
Minimum
Maximum
Units
Input Voltage, High
4.5V
< VCC < 18V
VIH
3.3
-
V
Input Voltage, Low
4.5V
< VCC < 18V
VIL
-0.65
Input Current
0V
< VIN < VCC
IIN
-10
10
A
Output Voltage, High
-
VOH
VCC-0.025
-
V
Output Voltage, Low
-
VOL
-0.025
Output Resistance, High State
VCC=18V, IOUT=-10mA
ROH
-3
Output Resistance, Low State
VCC=18V, IOUT=10mA
ROL
-2.5
Output Current, Continuous
Limited by package power
dissipation
IDC
-±1
A
Rise Time
VCC=18V, CLOAD=1000pF
tr
-16
ns
Fall Time
VCC=18V, CLOAD=1000pF
tf
-14
On-Time Propagation Delay
VCC=18V, CLOAD=1000pF
tondly
-65
Off-Time Propagation Delay
VCC=18V, CLOAD=1000pF
toffdly
-65
Enable to Output-High Delay Time
IXDD604 only, VCC=18V
tENOH
-65
Disable to High Impedance State Delay Time
IXDD604 only, VCC=18V
tDOLD
-65
Power Supply Current
VCC=18V, VIN=3.5V
ICC
-3.5
mA
VCC=18V, VIN=0V
-150
A
VCC=18V, VIN=VCC
-150


Similar Part No. - IXDD604SI

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXDD604SI CLARE-IXDD604SI Datasheet
1Mb / 13P
   4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDD604SI IXYS-IXDD604SI Datasheet
273Kb / 12P
   AEC Q100 Qualified
logo
Clare, Inc.
IXDD604SIA CLARE-IXDD604SIA Datasheet
1Mb / 13P
   4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDD604SIA IXYS-IXDD604SIA Datasheet
273Kb / 12P
   AEC Q100 Qualified
logo
Clare, Inc.
IXDD604SIATR CLARE-IXDD604SIATR Datasheet
1Mb / 13P
   4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDD604SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXD_609 IXYS-IXD_609 Datasheet
322Kb / 14P
   9A Peak Source/Sink Drive Current
IXD_602 IXYS-IXD_602 Datasheet
308Kb / 13P
   2A Peak Source/Sink Drive Current
IXD_614 IXYS-IXD_614 Datasheet
310Kb / 14P
   14A Peak Source/Sink Drive Current
IXD_630 IXYS-IXD_630 Datasheet
271Kb / 12P
   30A Peak Source/Sink Drive Current
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900_15 Datasheet
176Kb / 6P
   Up to 8 Amp Peak Source and Sink Current
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com