Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC7594BATR Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC7594BATR
Description  TTL Logic Level Inputs for 3.3V Logic Interfaces
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7594BATR Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC7594BATR Datasheet HTML 6Page - IXYS Corporation CPC7594BATR Datasheet HTML 7Page - IXYS Corporation CPC7594BATR Datasheet HTML 8Page - IXYS Corporation CPC7594BATR Datasheet HTML 9Page - IXYS Corporation CPC7594BATR Datasheet HTML 10Page - IXYS Corporation CPC7594BATR Datasheet HTML 11Page - IXYS Corporation CPC7594BATR Datasheet HTML 12Page - IXYS Corporation CPC7594BATR Datasheet HTML 13Page - IXYS Corporation CPC7594BATR Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
10
www.ixysic.com
R04
CPC7594
1.9 Protection Circuitry Electrical Specifications
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Protection Diode Bridge
Forward Voltage drop,
continuous current
(50/60 Hz)
Apply ± dc current limit of break
switches
VF
-2.1
3.0
V
Forward Voltage drop,
surge current
Apply ± dynamic current limit of break
switches
VF
-5-
Protection SCR
Surge current
-
-
-
-
*
A
Trigger current:
Current into VBAT pin.
SCR activates, +25
 C
ITRIG
-
134
-mA
SCR activates, +85
 C87
Hold current: Current
through protection SCR
SCR remains active, +25
 C
IHOLD
-
250
-mA
SCR remains active, +85
 C
110
184
Gate trigger voltage
IGATE = ITRIGGER
§
VTBAT or
VRBAT
VBAT -4
-
VBAT -2
V
Reverse leakage current VBAT = -48 V
IVBAT
-
0.02
1.0
A
On-state voltage
0.5 A, t = 0.5
sV
TBAT or
VRBAT
-
-3
-V
2.0 A, t = 0.5
s-5
Temperature Shutdown Specifications
Shutdown activation
temperature
Not production tested - limits are
guaranteed by design and Quality
Control sampling audits.
TTSD_on
110
125
150
C
Shutdown circuit
hysteresis
TTSD_off
10
-
25
C
*Passes GR1089 and ITU-T K.20 with appropriate secondary protection in place.
§V
BAT must be capable of sourcing ITRIGGER for the internal SCR to activate.


Similar Part No. - CPC7594BATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7594BATR CLARE-CPC7594BATR Datasheet
602Kb / 20P
   Line Card Access Switch
More results

Similar Description - CPC7594BATR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_07 Datasheet
77Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter TTL?묬ompatible Inputs
February, 2007 ??Rev. 13
logo
Silikron Semiconductor ...
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
   Direct Logic-Level Interface: TTL/CMOS
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
   Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
   Direct Logic-Level Interface: TTL/CMOS
logo
Silicon Supplies
5407 SS-5407 Datasheet
440Kb / 4P
   Bipolar TTL Logic
7407 SS-7407 Datasheet
439Kb / 4P
   Bipolar TTL Logic
logo
Epson ToYoCom
TCO-711S4 EPSONTOYOCOM-TCO-711S4 Datasheet
426Kb / 1P
   TTL logic output
logo
Silicon Supplies
7406 SS-7406 Datasheet
295Kb / 4P
   Bipolar TTL Logic
7406 SS-7406_V01 Datasheet
434Kb / 4P
   Bipolar TTL Logic
logo
Epson ToYoCom
TCO-711STH EPSONTOYOCOM-TCO-711STH Datasheet
429Kb / 1P
   TTL logic output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com