Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1E8PT8.25 Datasheet(PDF) 9 Page - Littelfuse

Part # 1E8PT8.25
Description  Power Transformer Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1E8PT8.25 Datasheet(HTML) 9 Page - Littelfuse

Back Button 1E8PT8.25 Datasheet HTML 2Page - Littelfuse 1E8PT8.25 Datasheet HTML 3Page - Littelfuse 1E8PT8.25 Datasheet HTML 4Page - Littelfuse 1E8PT8.25 Datasheet HTML 5Page - Littelfuse 1E8PT8.25 Datasheet HTML 6Page - Littelfuse 1E8PT8.25 Datasheet HTML 7Page - Littelfuse 1E8PT8.25 Datasheet HTML 8Page - Littelfuse 1E8PT8.25 Datasheet HTML 9Page - Littelfuse 1E8PT8.25 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
9 of 10
E-RATED POTENTIAL TRANSFORMER FUSES
A
B
Description
Potential Transformer (PT) fuses are current-limiting fuses
with high interrupting ratings designed for the protection of
potential transformers.
Application Note
When applying fuses for the protection of transformers,
the magnetizing current in-rush must be considered. The
characteristics of the in-rush, which can be matched with
a fuse time-current curve, should be available from the
transformer manufacturer.
Characteristics
Voltage Ratings
625 Vac – 25,800 Vac
Current Range
1/2E – 10E
E-RATED
ORDERING/CATALOG
NUMBER
SIZE
LENGTH DIM. A
(INCHES)
DIAMETER DIM. B
(INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
3E4PT.6
3E
4.6”
0.8125”
37,500
5E4PT.6
5E
4.6”
0.8125”
37,500
7E4PT.6
7E
4.6”
0.8125”
37,500
10E4PT.6
10E
4.6”
0.8125”
37,500
500E4PT2.4
1/2E
4.6”
0.8125”
37,500
1E4PT2.4
1E
4.6”
0.8125”
37,500
2E4PT2.4
2E
4.6”
0.8125”
37,500
1E6PT2.75
1E
7.4”
1.5625”
37,500
2E6PT2.75
2E
7.4”
1.5625”
37,500
3E6PT2.75
3E
7.4”
1.5625”
37,500
1E8PT2.75
1E
9.5”
1.5625”
37,500
2E8PT2.75
2E
9.5”
1.5625”
37,500
3E8PT2.75
3E
9.5”
1.5625”
37,500
1E5PT4.8
1E
5.6”
0.8125”
50,000
2E5PT4.8
2E
5.6”
0.8125”
50,000
500E6PT5.5
1/2E
7.4”
1.5625”
50,000
1E6PT5.5
1E
7.4”
1.5625”
50,000
2E6PT5.5
2E
7.4”
1.5625”
50,000
3E6PT5.5
3E
7.4”
1.5625”
50,000
5E6PT5.5
5E
7.4”
1.5625”
50,000
500E8PT5.5
1/2E
9.5”
1.5625”
50,000
1E8PT5.5
1E
9.5”
1.5625”
50,000
2E8PT5.5
2E
9.5”
1.5625”
50,000
3E8PT5.5
3E
9.5”
1.5625”
50,000
5E8PT5.5
5E
9.5”
1.5625”
50,000
10E8PT5.5
10E
9.5”
1.5625”
50,000
500E8PT8.25
1/2E
9.5”
1.5625”
50,000
1E8PT8.25
1E
9.5”
1.5625”
50,000
2E8PT8.25
2E
9.5”
1.5625”
50,000
3E8PT8.25
3
9.5”
1.5625”
50,000
500E11PT15.5
1/2E
12.8”
1.5625”
35,000
1E11PT15.5
1E
12.8”
1.5625”
35,000
2E11PT15.5
2E
12.8”
1.5625”
35,000
3E11PT15.5
3E
12.8”
1.5625”
35,000
3E16PT15.5
3E
17.5”
1.5625”
35,000
5E16PT15.5
5E
17.5”
1.5625”
35,000
500E16PT25.5
1/2E
17.5”
1.5625”
32,000
1E16PT25.5
1E
17.5”
1.5625”
32,000
Dimensions
* RMS Asymmetrical amperes = RMS Symmetrical amperes x 1.6


Similar Part No. - 1E8PT8.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1E8PT8.25 LITTELFUSE-1E8PT8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
1E8PT8.25 LITTELFUSE-1E8PT8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 1E8PT8.25

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com