Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGL41-100A Datasheet(PDF) 4 Page - Diotec Semiconductor

Part # TGL41-100A
Description  SMD Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TGL41-100A Datasheet(HTML) 4 Page - Diotec Semiconductor

  TGL41-100A Datasheet HTML 1Page - Diotec Semiconductor TGL41-100A Datasheet HTML 2Page - Diotec Semiconductor TGL41-100A Datasheet HTML 3Page - Diotec Semiconductor TGL41-100A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TGL41-6.8 ... TGL41-440CA, TGL41-520C
1
The range of type numbers is graded to the international E 24 standard. The standard tolerance of the breakdown
voltage for each type is ± 10%. Suffix “A” denotes a tolerance of ± 5% for the breakdown voltage.
e.g.:
TGL41-51C = bidirectional diode, VBR = 51 V (± 10%), VWM ≥ 41.3 V at ID = 5 μA
TGL41-9.1A = unidirectional diode, VBR = 9.1 V (± 5%), VWM ≥ 7.7 V at ID = 50 μA
Die Abstufung der Typen innerhalb der Reihe entspricht dem internationalen E 24-Standard. Die Toleranz der
Abbruchspannung jedes einzelnen Typs beträgt in der Standardausführung ± 10%. Suffix “A” kennzeichnet eine Toleranz
der Abbruchspannung von ± 5%.
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
4
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
P
PP
[°C]
T
A
150
100
50
0
I
PP
Peak pulse power/current vs. ambient temperature )
Impuls-Spitzenleistung/Strom vs. Umgebungstemp. )
1
1
10/1000µs - pulse waveform
10/1000µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
1
2
3
4
[ms]
[%]
t
P
I /2
PPM
P /2
PPM
t = 10 µs
r
10
10
1
0.1
2
[kW]
P
PP
0.1µs
t
1µs
10µs
100µs
1ms
10ms
P
Non repetitive peak pulse power versus pulse width (10/1000 wave form)
Einzel-Impuls-Spitzenleistung in Abh. von der Pulsdauer (10/1000-Impuls)


Similar Part No. - TGL41-100A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-100A DIOTEC-TGL41-100A Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-100A MICROSEMI-TGL41-100A Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-100A MICROSEMI-TGL41-100A Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
TGL41-100A VISHAY-TGL41-100A Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
Diotec Semiconductor
TGL41-100A DIOTEC-TGL41-100A Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - TGL41-100A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
SMF5.0A DIOTEC-SMF5.0A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_17 Datasheet
150Kb / 3P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A Datasheet
157Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com