Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500E8PT5.5 Datasheet(PDF) 6 Page - Littelfuse

Part # 500E8PT5.5
Description  Power Transformer Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

500E8PT5.5 Datasheet(HTML) 6 Page - Littelfuse

Back Button 500E8PT5.5 Datasheet HTML 2Page - Littelfuse 500E8PT5.5 Datasheet HTML 3Page - Littelfuse 500E8PT5.5 Datasheet HTML 4Page - Littelfuse 500E8PT5.5 Datasheet HTML 5Page - Littelfuse 500E8PT5.5 Datasheet HTML 6Page - Littelfuse 500E8PT5.5 Datasheet HTML 7Page - Littelfuse 500E8PT5.5 Datasheet HTML 8Page - Littelfuse 500E8PT5.5 Datasheet HTML 9Page - Littelfuse 500E8PT5.5 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
6 of 10
E-RATED MEDIUM VOLTAGE FUSES
E-RATED ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)* FIGURE NUMBER
10E1C15.5
10E
15"
18.875"
80,000
4
15E1C15.5
15E
15"
18.875"
80,000
4
20E1C15.5
20E
15"
18.875"
80,000
4
25E1C15.5
25E
15"
18.875"
80,000
4
30E1C15.5
30E
15"
18.875"
80,000
4
40E1C15.5
40E
15"
18.875"
80,000
4
50E1C15.5
50E
15"
18.875"
80,000
4
65E1C15.5
65E
15"
18.875"
80,000
4
80E1C15.5
80E
15"
18.875"
80,000
4
100E1C15.5
100E
15"
18.875"
80,000
4
65E2C15.5
65E
15"
18.875"
80,000
5
80E2C15.5
80E
15"
18.875"
80,000
5
100E2C15.5
100E
15"
18.875"
80,000
5
125E2C15.5
125E
15"
18.875"
80,000
5
150E2C15.5
150E
15"
18.875"
80,000
5
175E2C15.5
175E
15"
18.875"
80,000
5
200E2C15.5
200E
15"
18.875"
80,000
5
200E3C15.5
200E
15"
18.875"
80,000
6
250E3C15.5
250E
15"
18.875"
80,000
6
300E3C15.5
300E
15"
18.875"
80,000
6
E-RATED ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)* FIGURE NUMBER
10E1C8.25
10E
12"
1578"
80,000,
4
15E1C8.25
15E
12"
1578"
80,000
4
20E1C8.25
20E
12"
1578"
80,000
4
25E1C8.25
25E
12"
1578"
80,000
4
30E1C8.25
30E
12"
1578"
80,000
4
40E1C8.25
40E
12"
1578"
80,000
4
50E1C8.25
50E
12"
1578"
80,000
4
65E1C8.25
65E
12"
1578"
80,000
4
80E1C8.25
80E
12"
1578"
80,000
4
100E1C8.25
100E
12"
1578"
80,000
4
125E1C8.25
125E
12"
1578"
80,000
4
150E1C8.25
150E
12"
1578"
80,000
4
125E2C8.25
125E
12"
1578"
80,000
5
150E2C8.25
150E
12"
1578"
80,000
5
200E2C8.25
200E
12"
1578"
80,000
5
250E2C8.25
250E
12"
1578"
80,000
5
300E2C8.25
300E
12"
1578"
80,000
5
350E3C8.25
350E
12"
1578"
80,000
6
400E3C8.25
400E
12"
1578"
80,000
6
E-RATED ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)* FIGURE NUMBER
8NLE10E
10E
14"
1778"
80,000
4
8NLE15E
15E
14"
1778"
80,000
4
8NLE20E
20E
14"
1778"
80,000
4
8NLE25E
25E
14"
1778"
80,000
4
8NLE30E
30E
14"
1778"
80,000
4
8NLE40E
40E
14"
1778"
80,000
4
8NLE50E
50E
14"
1778"
80,000
4
8NLE65E
65E
14"
1778"
80,000
4
8NLE80E
80E
14"
1778"
80,000
4
8NLE100E
100E
14"
1778"
80,000
4
8NLE2100E
100E
14"
1778"
80,000
5
8NLE2125E
125E
14"
1778"
80,000
5
8NLE2150E
150E
14"
1778"
80,000
5
8NLE2200E
200E
14"
1778"
80,000
5
8NLE2250E
250E
14"
1778"
80,000
5
* RMS Asymmetrical amperes = RMS Symmetrical amperes x 1.6


Similar Part No. - 500E8PT5.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
500E8PT5.5 LITTELFUSE-500E8PT5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
500E8PT5.5 LITTELFUSE-500E8PT5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 500E8PT5.5

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com