Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF11CA Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # SMF11CA
Description  SMD Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SMF11CA Datasheet(HTML) 3 Page - Diotec Semiconductor

  SMF11CA Datasheet HTML 1Page - Diotec Semiconductor SMF11CA Datasheet HTML 2Page - Diotec Semiconductor SMF11CA Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMF5.0 ... SMF220CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM )
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional bidirectional
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
SMF170A
SMF170CA
170
1
189.0
209.0
275.0
0.73
SMF180A
SMF180CA
180
1
200.0
220.0
292.0
0.68
SMF190A
SMF190CA
190
1
211.0
232.0
308.0
0.65
SMF200A
SMF200CA
200
1
224.0
247.0
321.0
0.62
SMF220A
SMF220CA
220
1
246.0
272.0
356.0
0.56
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1)
1
Mounted on P. C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
3
10/1000µs - pulse waveform
10/1000µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
t
1
2
3
4
[ms]
[%]
t
P
I /2
PPM
P /2
PPM
t = 10 µs
r
10
10
1
0.1
2
[kW]
P
PP
0.1µs
t
1µs
10µs
100µs
1ms
10ms
P
Non repetitive peak pulse power versus pulse width (10/1000 wave form)
Einzel-Impuls-Spitzenleistung in Abh. von der Pulsdauer (10/1000-Impuls)
8/20µs - pulse waveform
8/20µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
t
20
40
60 [µs]
[%]
t
P
I /2
PPM
P /2
PPM
t = 8 µs
r
[pF]
[V]
C
j
V
Z
unidir.
bidir.
V = 0 V
R
Junction capacitance vs. breakdown voltage (typ.)
Sperrschichtkapazität in Abh. v.d. Abbruchspg. (typ.)
120
100
80
60
40
20
0
[%]
P
PP
[°C]
T
A
150
100
50
0
I
PP
Peak pulse power/current vs. ambient temperature )
Impuls-Spitzenleistung/Strom vs. Umgebungstemp. )
1
1


Similar Part No. - SMF11CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF11CA MCC-SMF11CA Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
SAMYANG ELECTRONICS CO....
SMF11CA SAMYANG-SMF11CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMF11CA LUGUANG-SMF11CA Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Shanghai Yint Electroni...
SMF11CA YINT-SMF11CA Datasheet
814Kb / 5P
   SMF Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMF11CA MCC-SMF11CA Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SMF11CA

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_16 Datasheet
168Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_17 Datasheet
150Kb / 3P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A Datasheet
157Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com