Electronic Components Datasheet Search |
|
STK11C68-S25I Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
STK11C68-S25I Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 10 page STK11C68 June 1999 4-28 Internally, RECALL is a two-step procedure. First, the SRAM data is cleared, and second, the nonvola- tile information is transferred into the SRAM cells. After the t RECALL cycle time the SRAM will once again be ready for READ and WRITE operations. The RECALL operation in no way alters the data in the EEPROM cells. The nonvolatile data can be recalled an unlimited number of times. POWER-UP RECALL During power up, or after any low-power condition (V CC <VRESET), an internal RECALL request will be latched. When V CC once again exceeds the sense voltage of V SWITCH,a RECALL cycle will automatically be initiated and will take t RESTORE to complete. If the STK11C68 is in a WRITE state at the end of power-up RECALL, the SRAM data will be corrupted. To help avoid this situation, a 10K Ohm resistor should be connected either between W and system V CC or between E and system VCC. HARDWARE PROTECT The STK11C68 offers hardware protection against inadvertent STORE operation during low-voltage conditions. When V CC <V SWITCH, software STORE operations are inhibited. LOW AVERAGE ACTIVE POWER The STK11C68 draws significantly less current when it is cycled at times longer than 50ns. Figure 2 shows the relationship between I CC and READ cycle time. Worst-case current consumption is shown for both CMOS and TTL input levels (commercial tem- perature range, V CC = 5.5V, 100% duty cycle on chip enable). Figure 3 shows the same relationship for WRITE cycles. If the chip enable duty cycle is less than 100%, only standby current is drawn when the chip is disabled. The overall average current drawn by the STK11C68 depends on the following items: 1) CMOS vs. TTL input levels; 2) the duty cycle of chip enable; 3) the overall cycle rate for accesses; 4) the ratio of READsto WRITEs; 5) the operating temperature; 6) the Vcc level; and 7) I/O loading. Figure 2: ICC (max) Reads 0 20 40 60 80 100 50 100 150 200 Cycle Time (ns) TTL CMOS Figure 3: ICC (max) Writes 0 20 40 60 80 100 50 100 150 200 Cycle Time (ns) TTL CMOS |
Similar Part No. - STK11C68-S25I |
|
Similar Description - STK11C68-S25I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |