Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSA-PSS-V2W-1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DSA-PSS-V2W-1
Description  Right Angle DomiLED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSA-PSS-V2W-1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DSA-PSS-V2W-1 Datasheet HTML 1Page - DOMINANT Semiconductors DSA-PSS-V2W-1 Datasheet HTML 2Page - DOMINANT Semiconductors DSA-PSS-V2W-1 Datasheet HTML 3Page - DOMINANT Semiconductors DSA-PSS-V2W-1 Datasheet HTML 4Page - DOMINANT Semiconductors DSA-PSS-V2W-1 Datasheet HTML 5Page - DOMINANT Semiconductors DSA-PSS-V2W-1 Datasheet HTML 6Page - DOMINANT Semiconductors DSA-PSS-V2W-1 Datasheet HTML 7Page - DOMINANT Semiconductors DSA-PSS-V2W-1 Datasheet HTML 8Page - DOMINANT Semiconductors DSA-PSS-V2W-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage, V
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
5
10
15
20
25
30
35
Maximum Current Vs Temperature
Ambient Temperature
0
20
40
60
80
100
0
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Allowable Forward Current Vs Duty ratio (Ta=25 Deg C, tp<10us)
Duty Ratio, %
1
10
100
1
10
100
1000
10/03/2016 V5.0
4
AllnGaP : DSx-PSS
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Radiation Pattern
AS AlInGaP
TS AlInGaP
Green
Yellow
Orange
Amber
Red
Super Red
Pure
Green
DOMINANT
Opto Technologies
Innovating Illumination
TM
Multiple X-Y Plot
Wavelength
Variables
Yellow
Amber
500
600
700
800
0
0.2
0.4
0.6
0.8
1
Amber
Yellow
Relative Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Voltage Vs Forward Current
Forward Current; mA
0
10
20
30
40
50
60
70
80
1.6
1.8
2
2.2
2.4
Maximum Forward Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
35
Relative Intensity Vs Wavelength
Wavelength; nm
500
550
600
650
700
750
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward Current, mA
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
Forward Current Vs Forward Voltage
Forward Voltage, V
2.5
3
3.5
4
4.5
0
10
20
30
40
50
60
70
80
90
100
Maximum Current Vs Temperature
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100110 120
0
10
20
30
40
50
60
Relative Intensity vs Wavelength
Wavelength; nm
400
450
500
550
600
650
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Wavelength Shift vs Forward Current (True Green)
Forward Current; mA
0
10
20
30
40
50
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Wavelength Shift Vs Forward Current (Blue)
Forward Current; mA
0
10
20
30
40
50
-6
-4
-2
0
2
4
6
8
10
12
14


Similar Part No. - DSA-PSS-V2W-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSA-PSS-V2W-1 DOMINANT-DSA-PSS-V2W-1 Datasheet
1Mb / 14P
   Right Angle DomiLED
More results

Similar Description - DSA-PSS-V2W-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSF-LSG DOMINANT-DSF-LSG Datasheet
1Mb / 18P
   Right Angle DomiLED
DSW-DHG-I1 DOMINANT-DSW-DHG-I1 Datasheet
1Mb / 17P
   Right Angle DomiLED
DSX-PSS DOMINANT-DSX-PSS Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-XSX DOMINANT-DSX-XSX Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-ASS DOMINANT-DSX-ASS Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-NSS-T2U-1 DOMINANT-DSS-NSS-T2U-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSS-ASS-J2L1-1 DOMINANT-DSS-ASS-J2L1-1 Datasheet
1Mb / 13P
   Right Angle DomiLED
DSX-DSS DOMINANT-DSX-DSS Datasheet
1Mb / 15P
   Right Angle DomiLED
DSZB-LSG DOMINANT-DSZB-LSG Datasheet
1Mb / 16P
   Right Angle DomiLED
DSX-NSS DOMINANT-DSX-NSS Datasheet
1Mb / 15P
   Right Angle DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com