Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDB-DZJS-ST2-1 Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # DDB-DZJS-ST2-1
Description  DomiLED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB-DZJS-ST2-1 Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button DDB-DZJS-ST2-1 Datasheet HTML 4Page - DOMINANT Semiconductors DDB-DZJS-ST2-1 Datasheet HTML 5Page - DOMINANT Semiconductors DDB-DZJS-ST2-1 Datasheet HTML 6Page - DOMINANT Semiconductors DDB-DZJS-ST2-1 Datasheet HTML 7Page - DOMINANT Semiconductors DDB-DZJS-ST2-1 Datasheet HTML 8Page - DOMINANT Semiconductors DDB-DZJS-ST2-1 Datasheet HTML 9Page - DOMINANT Semiconductors DDB-DZJS-ST2-1 Datasheet HTML 10Page - DOMINANT Semiconductors DDB-DZJS-ST2-1 Datasheet HTML 11Page - DOMINANT Semiconductors DDB-DZJS-ST2-1 Datasheet HTML 12Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
11/03/2016 V12.0
8
Taping and orientation
• Reels come in quantity of 2000 units.
• Reel diameter is 180 mm.
InGaN : DDx-DZJS
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DDB-DZJS-ST2-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDB-DJS-RS2-1 DOMINANT-DDB-DJS-RS2-1 Datasheet
781Kb / 12P
   High brightness surface mount LED
DDB-DJS-ST2-1 DOMINANT-DDB-DJS-ST2-1 Datasheet
781Kb / 12P
   High brightness surface mount LED
DDB-DJS-ST2-1 DOMINANT-DDB-DJS-ST2-1_15 Datasheet
1Mb / 12P
   High brightness surface mount LED
More results

Similar Description - DDB-DZJS-ST2-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DR8-NJS DOMINANT-DR8-NJS Datasheet
1Mb / 14P
   DomiLED
D6RTB-YJG DOMINANT-D6RTB-YJG Datasheet
2Mb / 16P
   Multi DomiLED
D6RTB-SKG DOMINANT-D6RTB-SKG Datasheet
1Mb / 16P
   Multi DomiLED
DWX-MJS DOMINANT-DWX-MJS_17 Datasheet
1Mb / 15P
   Power DomiLED
DWX-MZJS DOMINANT-DWX-MZJS_18 Datasheet
1Mb / 14P
   Power DomiLED
DWZY-KZKG DOMINANT-DWZY-KZKG_16 Datasheet
1Mb / 15P
   Power DomiLED
D6RTB-DJD DOMINANT-D6RTB-DJD_16 Datasheet
1Mb / 14P
   Multi DomiLED
D6RTB-HJD DOMINANT-D6RTB-HJD Datasheet
1Mb / 14P
   Multi DomiLED
DWW-KZKG DOMINANT-DWW-KZKG_16 Datasheet
1Mb / 16P
   Power DomiLED
DWX-HKG DOMINANT-DWX-HKG_17 Datasheet
1Mb / 14P
   Power DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com