Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM4750S-RL Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM4750S-RL
Description  300mA, Micropower, Dual Channel VLDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4750S-RL Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM4750S-RL Datasheet HTML 1Page - Union Semiconductor, Inc. UM4750S-RL Datasheet HTML 2Page - Union Semiconductor, Inc. UM4750S-RL Datasheet HTML 3Page - Union Semiconductor, Inc. UM4750S-RL Datasheet HTML 4Page - Union Semiconductor, Inc. UM4750S-RL Datasheet HTML 5Page - Union Semiconductor, Inc. UM4750S-RL Datasheet HTML 6Page - Union Semiconductor, Inc. UM4750S-RL Datasheet HTML 7Page - Union Semiconductor, Inc. UM4750S-RL Datasheet HTML 8Page - Union Semiconductor, Inc. UM4750S-RL Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Nov.2015
5/13
UM4750
Electrical Characteristics
VCC=+5V±10%, CIN=1μF, COUT1=COUT2=1μF, TA=-40°C to +85°C. Typical conditions are at
VCC=5V, TA=25°C.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage
Range
VIN
2.5
5.5
V
Output Voltage
Range
VOUT
1.2
5.0
V
Operating
Quiescent Current
IQ
IOUT=0mA
110
190
μA
Shut Down Current
IQ_SD
EN1=EN2=GND
2
μA
EN Input Current
IEN
EN=VIN or GND
1
μA
Output Current
IOUT
300
mA
Output Voltage
Accuracy
IOUT=10mA
-2
2
%
Dropout Voltage
ΔV
DO
IOUT=100mA, VOUT>2.8V
100
200
mV
Output Current
Limit
ILIMT
330
450
700
mA
Startup Time
Response
t
RL=68Ω, COUT=1μF
20
μs
EN Input Low
Voltage
VIL
VIN=2.5V to5.5V
0.3×VIN
V
EN Input High
Voltage
VIH
0.7×VIN
V
Output Voltage TC
100
ppm/°C
Thermal-Shutdown
Temperature
TSHDN
150
°C
Thermal-Shutdown
Hysteresis
ΔT
SHDN
30
°C
Line Regulation
LNR
1.5<VOUT≤4V
VOUT+1V≤VIN≤5.5V,
IOUT=10mA
0.3
%/V
4V<VOUT≤5V
or 1.2V≤VOUT≤1.5V
VOUT+1V≤VIN≤5.5V and
VIN>2.5V, IOUT=10mA
0.6
Load Regulation
LDR
VOUT≤4V
1mA≤I
OUT≤300mA
0.6
%
4V<VOUT≤5V
1mA≤I
OUT≤300mA
0.8
Output Voltage
Noise
10Hz to 100KHz
CIN=1μF, IOUT=10mA
200
μV
RMS
Power Supply
Ripple Rejection
PSRR
VIN=VOUT+1V
IOUT=100mA
f=100Hz
60
dB
f=1kHz
45
ESD Rating
Human Body Mode
2
kV


Similar Part No. - UM4750S-RL

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4750S-RL UNIONSEMI-UM4750S-RL Datasheet
474Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results

Similar Description - UM4750S-RL

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750 Datasheet
474Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com