Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMCJ75A Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # 1.5SMCJ75A
Description  SMD Transient Voltage Suppresssor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1.5SMCJ75A Datasheet(HTML) 3 Page - Diotec Semiconductor

  1.5SMCJ75A Datasheet HTML 1Page - Diotec Semiconductor 1.5SMCJ75A Datasheet HTML 2Page - Diotec Semiconductor 1.5SMCJ75A Datasheet HTML 3Page - Diotec Semiconductor 1.5SMCJ75A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.5SMCJ5.0 ... 1.5SMCJ170CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM)
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional
bidire
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
1.5SMCJ36A
1.5SMCJ36CA
36
5
40.0
44.4
58.1
25.8
1.5SMCJ40
1.5SMCJ40C
40
5
44.4
54.2
71.4
21.0
1.5SMCJ40A
1.5SMCJ40CA
40
5
44.4
49.3
64.5
23.3
1.5SMCJ43
1.5SMCJ43C
43
5
47.8
58.3
76.7
19.6
1.5SMCJ43A
1.5SMCJ43CA
43
5
47.8
53.1
69.4
21.6
1.5SMCJ45
1.5SMCJ45C
45
5
50.0
61.0
80.3
18.7
1.5SMCJ45A
1.5SMCJ45CA
45
5
50.0
55.5
72.7
20.6
1.5SMCJ48
1.5SMCJ48C
48
5
53.3
65.0
85.5
17.5
1.5SMCJ48A
1.5SMCJ48CA
48
5
53.3
59.2
77.4
19.4
1.5SMCJ51
1.5SMCJ51C
51
5
56.7
69.2
91.1
16.5
1.5SMCJ51A
1.5SMCJ51CA
51
5
56.7
62.9
82.4
18.2
1.5SMCJ54
1.5SMCJ54C
54
5
60.0
73.2
96.3
15.6
1.5SMCJ54A
1.5SMCJ54CA
54
5
60.0
66.6
87.1
17.2
1.5SMCJ58
1.5SMCJ58C
58
5
64.4
78.6
103
14.6
1.5SMCJ58A
1.5SMCJ58CA
58
5
64.4
71.5
93.6
16.0
1.5SMCJ60
1.5SMCJ60C
60
5
66.7
81.4
107
14.0
1.5SMCJ60A
1.5SMCJ60CA
60
5
66.7
74.0
96.8
15.5
1.5SMCJ64
1.5SMCJ64C
64
5
71.1
86.7
114
13.2
1.5SMCJ64A
1.5SMCJ64CA
64
5
71.1
78.9
103
14.6
1.5SMCJ70
1.5SMCJ70C
70
5
77.8
94.9
125
12.0
1.5SMCJ70A
1.5SMCJ70CA
70
5
77.8
86.4
113
13.3
1.5SMCJ75
1.5SMCJ75C
75
5
83.3
102
134
11.2
1.5SMCJ75A
1.5SMCJ75CA
75
5
83.3
92.5
121
12.4
1.5SMCJ78
1.5SMCJ78C
78
5
86.7
106
139
10.8
1.5SMCJ78A
1.5SMCJ78CA
78
5
86.7
96.2
126
11.9
1.5SMCJ85
1.5SMCJ85C
85
5
94.4
115
151
9.9
1.5SMCJ85A
1.5SMCJ85CA
85
5
94.4
105
137
10.9
1.5SMCJ90
1.5SMCJ90C
90
5
100
122
160
9.4
1.5SMCJ90A
1.5SMCJ90CA
90
5
100
111
146
10.3
1.5SMCJ100
1.5SMCJ100C
100
5
111
135
179
8.4
1.5SMCJ100A
1.5SMCJ100CA
100
5
111
123
162
9.3
1.5SMCJ110
1.5SMCJ110C
110
5
122
149
196
7.7
1.5SMCJ110A
1.5SMCJ110CA
110
5
122
135
177
8.5
1.5SMCJ120
1.5SMCJ120C
120
5
133
162
214
7.0
1.5SMCJ120A
1.5SMCJ120CA
120
5
133
148
193
7.8
1.5SMCJ130
1.5SMCJ130C
130
5
144
176
231
6.5
1.5SMCJ130A
1.5SMCJ130CA
130
5
144
160
209
7.2
1.5SMCJ150
1.5SMCJ150C
150
5
167
204
268
5.6
1.5SMCJ150A
1.5SMCJ150CA
150
5
167
185
243
6.2
1.5SMCJ160
1.5SMCJ160C
160
5
178
217
287
5.2
1.5SMCJ160A
1.5SMCJ160CA
160
5
178
198
259
5.8
1.5SMCJ170
1.5SMCJ170C
170
5
189
231
304
4.9
1.5SMCJ170A
1.5SMCJ170CA
170
5
189
210
275
5.5
1.5SMC220 ... 1.5MC550CA
VWM = 175 ... 495V
© Diotec Semiconductor AG
http://www.diotec.com/
3


Similar Part No. - 1.5SMCJ75A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ75A PANJIT-1.5SMCJ75A Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ75A WTE-1.5SMCJ75A Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
1.5SMCJ75A DIOTEC-1.5SMCJ75A Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5SMCJ75A WTE-1.5SMCJ75A Datasheet
80Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ75A PANJIT-1.5SMCJ75A Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5SMCJ75A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
15SMCJ65 DIOTEC-15SMCJ65_1 Datasheet
169Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
1.5SMCJ6.5 DIOTEC-1.5SMCJ6.5_17 Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
15SMCJ65 DIOTEC-15SMCJ65_18 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
6.6SM8Z10A DIOTEC-6.6SM8Z10A Datasheet
166Kb / 2P
   SMD Transient Voltage Suppresssor Diodes
1.5SMC220 DIOTEC-1.5SMC220_16 Datasheet
146Kb / 3P
   SMD Transient Voltage Suppresssor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com