Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM4711 Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM4711
Description  Multi-line ESD/EMI Protection for Color LCD Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4711 Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM4711 Datasheet HTML 1Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 2Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 3Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 4Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 5Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 6Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 7Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 8Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 May.2016
1/11
UM4701/4711/8701/8711
Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4701 DFN8 2.0×2.0
UM4711 DFN8 1.7×1.3
UM8701 DFN16 4.0×1.6
UM8711 DFN16 3.3×1.3
General Description
The UM4701/UM4711/UM8701/UM8711 is a (L-C) low pass filter array with integrated TVS
diodes. It is designed to suppress unwanted EMI signals and provide electrostatic discharge (ESD)
protection in portable electronic equipment. This device utilizes solid-state silicon-avalanche
technology for superior clamping performance and DC electrical characteristics. They have been
optimized for protection of color LCD and camera lines in cellular phones and other portable
electronics.
The device consists of identical circuits comprised of TVS diodes for ESD protection, and a 5
pole inductor-capacitor network for EMI filtering. A typical inductor value of 19nH and a
capacitor value of 12pF are used to achieve 30dB minimum attenuation from 800MHz to 2.7GHz.
The TVS diodes provide effective suppression of ESD voltages in excess of ±15kV (air discharge)
and ±8kV (contact discharge) per IEC 61000-4-2, level 4.
The UM4701 is in a RoHS compliant DFN8 2.0×2.0 package, the UM4711 is in a RoHS
compliant DFN8 1.7×1.3 package, the UM8701 is in a RoHS compliant DFN16 4.0×1.6 package
and the UM8711 is in a RoHS compliant DFN16 3.3×1.3 package. The leads are finished with
lead-free. The small package makes it ideal for use in portable electronics such as cell phones,
digital still cameras, and PDAs.
Applications
Features
Color LCD Protection
Cell Phone CCD Camera Lines
Clamshell Cell Phones
Bidirectional EMI Filter with Integrated TVS
for ESD Protection
ESD Protection to IEC 61000-4-2 (ESD)
Level 4, ±15kV (Air), ±8kV (Contact)
Filter Performance: 30dB Minimum
Attenuation from 800MHz to 2.7GHz
TVS Working Voltage: 5V
Inductor: 19nH (Typical)
Capacitors: 12pF (Typical at VR=2.5V)
Protection and Filtering for Multi Lines
UM4701/4711: Four Lines
UM8701/8711: Eight Lines
Solid-State Technology
Ordering Information
Part
Number
Working
Voltage
Packaging Type
Channel
Marking
Code
Shipping Qty
UM4701
5.0V
DFN8 2.0×2.0
4
ABB
3000pcs /7Inch
Tape & Reel
UM4711
5.0V
DFN8 1.7×1.3
4
AR
UM8701
5.0V
DFN16 4.0×1.6
8
8701
UM8711
5.0V
DFN16 3.3×1.3
8
8711


Similar Part No. - UM4711

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4711 UNIONSEMI-UM4711 Datasheet
360Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - UM4711

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4601 UNIONSEMI-UM4601 Datasheet
410Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4701 UNIONSEMI-UM4701 Datasheet
360Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4601 UNIONSEMI-UM4601_16 Datasheet
438Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411 Datasheet
219Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401 Datasheet
319Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
UM4401 UNIONSEMI-UM4401 Datasheet
398Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411_16 Datasheet
234Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM6411 UNIONSEMI-UM6411_16 Datasheet
264Kb / 7P
   6 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401_16 Datasheet
260Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
UM8411 UNIONSEMI-UM8411 Datasheet
239Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com