Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRT0603-DZ1003EAS Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CRT0603-DZ1003EAS
Description  Sulfur-Resistant Thin Film Precision Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRT0603-DZ1003EAS Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CRT0603-DZ1003EAS Datasheet HTML 1Page - Bourns Electronic Solutions CRT0603-DZ1003EAS Datasheet HTML 2Page - Bourns Electronic Solutions CRT0603-DZ1003EAS Datasheet HTML 3Page - Bourns Electronic Solutions CRT0603-DZ1003EAS Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CRT-ASSeries-Sulfur-ResistantThinFilmPrecisionChipResistors
Typical Part Marking (Continued)
Code
10
18
33
56
11
20
36
62
12
22
39
68
13
24
43
75
15
27
47
82
16
30
51
91
CRT0603-AS
3-Digit Marking
E-24
First two digits are significant;
third digit represents number of
zeroes to follow.
Examples:
• 102 = 1K Ω,
• 181 = 180 Ω
52C
102
2401
Examples
Resistance
Marking
200
Ω
2000
2.4K
Ω
2401
5.36K
Ω
5361
CRT0805-AS
CRT1206-AS
4-Digit Marking
First three digits are significant;
fourth digit represents number of
zeroes to follow.
52C
102
2401
Soldering Profile
25
75
125
175
225
275
050
100
150
200
250
300
Time(seconds)
60-120seconds
60-90
seconds
260°Cpeak
190°C
150°C
220°C
RampDown
6°C/second
255°C
Maximumof20secondsbetween
+255°Cand+260°C
RampUp
3°C/secondmaximum
10secondsminimum
<1>
<1>
Derating Curve
100
80
60
40
20
0
-55
0
70
155
(°C) Ambient temperature


Similar Part No. - CRT0603-DZ1003EAS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-DZ BOURNS-CRT0603-DZ Datasheet
425Kb / 4P
   CRT Series - Thin Film Precision Chip Resistors
CRT0603-DZ-1003GLF BOURNS-CRT0603-DZ-1003GLF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results

Similar Description - CRT0603-DZ1003EAS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
   Sulfur Resistant Thick Film Chip Resistors
01-Jan-2022
logo
NIC-Components Corp.
NRCS NIC-NRCS Datasheet
112Kb / 4P
   Sulfur Resistant Thick Film Chip Resistors
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
   Sulfur Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
P VISHAY-P Datasheet
131Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
Revision: 20-Feb-15
P VISHAY-P_V01 Datasheet
148Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
01-Jan-2022
RCA-AUE4 VISHAY-RCA-AUE4 Datasheet
122Kb / 8P
   Sulfur Resistant, Gold Terminated Thick Film Chip Resistors
RCA-IFE3 VISHAY-RCA-IFE3_V01 Datasheet
132Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
01-Jan-2022
RCA-IFE3 VISHAY-RCA-IFE3 Datasheet
135Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com