Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3730P-12 Datasheet(PDF) 11 Page - Union Semiconductor, Inc.

Part # UM3730P-12
Description  150mA, Micropower, Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3730P-12 Datasheet(HTML) 11 Page - Union Semiconductor, Inc.

Back Button UM3730P-12 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3730P-12 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3730P-12 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3730P-12 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3730P-12 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3730P-12 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3730P-12 Datasheet HTML 9Page - Union Semiconductor, Inc. UM3730P-12 Datasheet HTML 10Page - Union Semiconductor, Inc. UM3730P-12 Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 May.2015
11/11
UM3730
GREEN COMPLIANCE
Union Semiconductor is committed to environmental excellence in all aspects of its
operations including meeting or exceeding regulatory requirements with respect to the use
of hazardous substances. Numerous successful programs have been implemented to reduce
the use of hazardous substances and/or emissions.
All Union components are compliant with the RoHS directive, which helps to support
customers in their compliance with environmental directives. For more green compliance
information, please visit:
http://www.union-ic.com/index.aspx?cat_code=RoHSDeclaration
IMPORTANT NOTICE
The information in this document has been carefully reviewed and is believed to be accurate.
Nonetheless, this document is subject to change without notice. Union assumes no
responsibility for any inaccuracies that may be contained in this document, and makes no
commitment to update or to keep current the contained information, or to notify a person or
organization of any update. Union reserves the right to make changes, at any time, in order
to improve reliability, function or design and to attempt to supply the best product possible.
Union Semiconductor, Inc
Add: Unit 606, No.570 Shengxia Road, Shanghai 201210
Tel: 021-51093966
Fax: 021-51026018
Website: www.union-ic.com


Similar Part No. - UM3730P-12

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3730P-12 UNIONSEMI-UM3730P-12 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
More results

Similar Description - UM3730P-12

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
   Micropower 5V, 150mA Low Dropout Linear Regulator
logo
Semtech Corporation
SC11222CSK.TR SEMTECH-SC11222CSK.TR Datasheet
140Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com