Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC480 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # 1.5SMC480
Description  SMD Transient Voltage Suppresssor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1.5SMC480 Datasheet(HTML) 3 Page - Diotec Semiconductor

  1.5SMC480 Datasheet HTML 1Page - Diotec Semiconductor 1.5SMC480 Datasheet HTML 2Page - Diotec Semiconductor 1.5SMC480 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1.5SMC220 ... 1.5SMC550CA
1
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
3
120
100
80
60
40
20
0
[% ]
P
PP
[°C]
T
A
150
100
50
0
I
PP
Peak pulse power/current vs. ambient temperature )
Impuls-Spitzenleistung/Strom vs. Umgebungstemp. )
1
1
10/1000µs - pulse waveform
10/1000µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
t
1
2
3
4
[ms]
[%]
t
P
I /2
PPM
P /2
PPM
t = 10 µs
r
10
10
1
0.1
2
P
PP
0.1µs
t
1µs
10µs
100µs
1ms
10ms
P
[kW]
Non repetitive peak pulse power versus pulse width (10/1000 wave form)
Einzel-Impuls-Spitzenleistung in Abh. von der Pulsdauer (10/1000-Impuls)


Similar Part No. - 1.5SMC480

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1.5SMC480 DIOTEC-1.5SMC480 Datasheet
108Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
1.5SMC480A VISHAY-1.5SMC480A Datasheet
98Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
1.5SMC480A VISHAY-1.5SMC480A Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
1.5SMC480A VISHAY-1.5SMC480A Datasheet
40Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
1.5SMC480A VISHAY-1.5SMC480A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC480

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
15SMCJ65 DIOTEC-15SMCJ65_1 Datasheet
169Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
1.5SMCJ6.5 DIOTEC-1.5SMCJ6.5_17 Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
15SMCJ65 DIOTEC-15SMCJ65_18 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
6.6SM8Z10A DIOTEC-6.6SM8Z10A Datasheet
166Kb / 2P
   SMD Transient Voltage Suppresssor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0_16 Datasheet
162Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com