Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3730DA-18 Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM3730DA-18
Description  150mA, Micropower, Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3730DA-18 Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM3730DA-18 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3730DA-18 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3730DA-18 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3730DA-18 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3730DA-18 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3730DA-18 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3730DA-18 Datasheet HTML 9Page - Union Semiconductor, Inc. UM3730DA-18 Datasheet HTML 10Page - Union Semiconductor, Inc. UM3730DA-18 Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 May.2015
8/11
UM3730
Typical Performance Characteristics (Continued)
Enable Turn-On
VEN (1V/div)
VOUT (1V/div)
VOUT=1.8V,
VIN =2.8V, RL=68Ω
20μs/div
Auto Discharge (No Load)
VEN (2V/div)
VOUT (1V/div)
VOUT=1.8V, VIN=3.6V
2
0μs/div


Similar Part No. - UM3730DA-18

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3730DA-18 UNIONSEMI-UM3730DA-18 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
More results

Similar Description - UM3730DA-18

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
   Micropower 5V, 150mA Low Dropout Linear Regulator
logo
Semtech Corporation
SC11222CSK.TR SEMTECH-SC11222CSK.TR Datasheet
140Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com