Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3510S Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM3510S
Description  1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3510S Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM3510S Datasheet HTML 2Page - Union Semiconductor, Inc. UM3510S Datasheet HTML 3Page - Union Semiconductor, Inc. UM3510S Datasheet HTML 4Page - Union Semiconductor, Inc. UM3510S Datasheet HTML 5Page - Union Semiconductor, Inc. UM3510S Datasheet HTML 6Page - Union Semiconductor, Inc. UM3510S Datasheet HTML 7Page - Union Semiconductor, Inc. UM3510S Datasheet HTML 8Page - Union Semiconductor, Inc. UM3510S Datasheet HTML 9Page - Union Semiconductor, Inc. UM3510S Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2016
6/13
UM3510
3.270
3.280
3.290
3.300
3.310
3.320
3.330
3.340
1
10
100
1000
Output Current (mA)
Output Voltage vs. Load Current
Vout=3.3V, Mode=L
VIN=4.2V
VIN=6.0V
3.270
3.280
3.290
3.300
3.310
3.320
3.330
3.340
1
10
100
1000
Output Current (mA)
Output Voltage vs. Load Current
Vout=3.3V, Mode=H
VIN=4.2V
VIN=6.0V
1.795
1.800
1.805
1.810
1.815
1.820
1.825
-40
-15
10
35
60
85
Temperature (°C)
Output Voltage vs. Temperature
Vin=3.6V, Mode=L, Iload=10mA
1.795
1.800
1.805
1.810
1.815
1.820
1.825
-40
-15
10
35
60
85
Temperature (°C)
Output Voltage vs. Temperature
Vin=3.6V, Mode=H, Iload=10mA
Typical Operating Characteristics (Continued)
20
30
40
50
60
70
80
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
Supply Current vs. Supply Voltage
Power Save MODE, Mode=L
0
2
4
6
8
10
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
Supply Current vs. Supply Voltage
Forced PWM MODE, Mode=H
Supply Current vs. Supply Voltage
Forced PWM Mode, MODE=H
Supply Current vs. Supply Voltage
Power Save Mode, MODE=L
Output Voltage vs. Load Current
VOUT=3.3V, MODE=L
Output Voltage vs. Load Current
VOUT=3.3V, MODE=H
VIN=4.2V
VIN=6.0V
VIN=4.2V
VIN=6.0V
Output Voltage vs. Temperature
VIN=3.6V, MODE=L, ILOAD=10mA
Output Voltage vs. Temperature
VIN=3.6V, MODE=H, ILOAD=10mA


Similar Part No. - UM3510S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
   1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results

Similar Description - UM3510S

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
   2.25MHz 1A Synchronous Step-Down Converter
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com