Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK20C04-W35 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK20C04-W35
Description  CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK20C04-W35 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK20C04-W35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK20C04-W35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK20C04-W35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK20C04-W35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK20C04-W35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK20C04-W35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK20C04-W35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK20C04-W35 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STK20C04
2-39
DESCRIPTION
The Simtek STK20C04 is a fast static RAM (30, 35,
45ns), with a nonvolatile electrically-erasable PROM
(EEPROM) element incorporated in each static memory
cell. The SRAM can be read and written an unlimited
number of times, while independent nonvolatile data
resides in EEPROM. Data may easily be transferred
from the SRAM to the EEPROM (STORE), or from the
EEPROM
to the SRAM (RECALL) using the NE pin. It
combines the high performance and ease of use of a
fast SRAM with nonvolatile data integrity.
The STK20C04 features the industry standard pinout
for nonvolatile RAMs in a 28-pin 600 mil plastic DIP.
PIN NAMES
A0 - A8
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
NE
Nonvolatile Enable
VCC
Power (+5V)
VSS
Ground
STK20C04
CMOS nvSRAM
High Performance
512 x 8 Nonvolatile Static RAM
FEATURES
• 30, 35 and 45ns Access Times
• 15, 20 and 25ns Output Enable Access
• Unlimited Read and Write to SRAM
• Hardware STORE Initiation
• Automatic STORE Timing
• 105 STORE cycles to EEPROM
• 10 year data retention in EEPROM
• Automatic RECALL on Power Up
• Hardware RECALL Initiation
• Unlimited RECALL cycles from EEPROM
• Single 5V
±10% Operation
• Commercial and Industrial Temperatures
• Available in 600 mil PDIP package
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DQ
DQ
DQ
DQ
DQ
V
W
NC
A
NC
NC
G
NC
E
8
7
6
5
4
3
CC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NE
NC
A
A
A
A
A
A
A
A
DQ
DQ
DO
VSS
7
6
5
4
3
2
1
0
0
1
2
LOGIC BLOCK DIAGRAM
PIN CONFIGURATIONS
28 - 600 PDIP
A
A
A
A
A
A
3
4
5
6
7
8
EEPROM ARRAY
64 X 64
STORE
RECALL
STATIC RAM
ARRAY
64 X 64
STORE/
RECALL
CONTROL
AA
A
01
2
DQ
DQ
DQ
DQ
DQ
DQ
DQ
DQ
0
1
2
3
4
5
6
7
G
NE
E
W
COLUMN I/O
COLUMN DECODER


Similar Part No. - STK20C04-W35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK20C04-W35 SIMTEK-STK20C04-W35 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W35I SIMTEK-STK20C04-W35I Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK20C04-W35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com