Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3501 Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM3501
Description  600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3501 Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM3501_15 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3501_15 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3501_15 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3501_15 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3501_15 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3501_15 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3501_15 Datasheet HTML 9Page - Union Semiconductor, Inc. UM3501_15 Datasheet HTML 10Page - Union Semiconductor, Inc. UM3501_15 Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Feb.2015
7/11
UM3501
Current Mode PWM Control and Current Limit
The UM3501 uses constant frequency, current mode step-down architecture. Both the main
(P-channel MOSFET) and synchronous (N-channel MOSFET) switches are internal. From the
block diagram, a comparator ICOMP is used to realize current limit protection. Lossless current
sensing converts the peak current signal to a voltage to sum in with the internal slope
compensation. This summed signal is compared to the error amplifier output to provide a peak
current control command for the PWM. The cycle−by−cycle current limit is set at 1200mA
(typical). During normal operation, the internal top power MOSFET is turned on each cycle when
the oscillator sets the RS latch, and turned off when the current comparator ICOMP, resets the RS
latch. The peak inductor current at which ICOMP resets the RS latch, is controlled by the output
of error amplifier EA. When the load current increases, it causes a slight decrease in the feedback
voltage, FB, relative to the 0.6V reference, which in turn, causes the EA amplifier’s output
voltage to increase until the average inductor current matches the new load current. While the top
MOSFET is off, the bottom MOSFET is turned on until either the inductor current starts to
reverse, as indicated by the current reversal comparator IZERO, or the beginning of the next clock
cycle.
When the output is shorted to ground, the inductor current may exceed the maximum inductor
peak current if not allowed enough time to decay. To prevent the inductor current from running
away, the bottom N-channel MOSFET is allowed to stay on for more than one cycle, thereby
allowing the inductor current time to decay.
Pulse Skipping Mode Operation
At very light loads, the UM3501 automatically enters Pulse Skipping Mode. In the Pulse Skipping
Mode, the inductor current may reach zero or reverse on each pulse. The PWM control loop will
automatically skip pulses to maintain output regulation. The bottom MOSFET is turned off by the
current reversal comparator, IZERO, and the switch voltage will ring. This is discontinuous mode
operation, and is normal behavior for the switching regulator.
Maximum Load Current
The UM3501 will operate with input supply voltage as low as 2.5V, however, the maximum load
current decreases at lower input due to large IR drop on the main switch and synchronous rectifier.
The slope compensation signal reduces the peak inductor current as a function of the duty cycle to
prevent sub-harmonic oscillations at duty cycles greater than 50%. Conversely the current limit
increases as the duty cycle decreases.
Applications Information
Output Voltage Setting
The external resistor divider sets the output voltage.The feedback resistor R2 also sets the
feedback loop bandwidth with the internal compensation capacitor.
Choose R2 around 600kΩ for optimal transient response and feedback leakage current. R1 is then
given by:
1
6
.
0
2
1
V
V
R
R
O U T


Similar Part No. - UM3501_15

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3501DA UNIONSEMI-UM3501DA Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
More results

Similar Description - UM3501_15

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Fitipower Integrated Te...
FR9888A FITIPOWER-FR9888A Datasheet
1Mb / 13P
   21V, 3A, 1.2MHz Synchronous Step-Down DC/DC Converter
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
   21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com