Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRT1206-FW1003EAS Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CRT1206-FW1003EAS
Description  Sulfur-Resistant Thin Film Precision Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRT1206-FW1003EAS Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CRT1206-FW1003EAS Datasheet HTML 1Page - Bourns Electronic Solutions CRT1206-FW1003EAS Datasheet HTML 2Page - Bourns Electronic Solutions CRT1206-FW1003EAS Datasheet HTML 3Page - Bourns Electronic Solutions CRT1206-FW1003EAS Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CRT-ASSeries-Sulfur-ResistantThinFilmPrecisionChipResistors
Value - TCR Table
Model
TCR
Resistance Tolerance (Code)
(PPM/°C) (Code)
±0.05 %
(A)
±0.1 %
(B)
±0.25 %
(C)
±0.5 %
(D)
±1 %
(F)
CRT0402-AS
±10
(W)
49.9to10KΩ
49.9to10KΩ
±15
(X)
49.9to69.8KΩ
±25
(Y)
10to332KΩ
±50
(Z)
CRT0603-AS
±10
(W)
49.9to10KΩ
10to332KΩ
±15
(X)
±25
(Y)
±50
(Z)
CRT0805-AS
±10
(W)
10to100KΩ
10to511KΩ
±15
(X)
10to1MΩ
±25
(Y)
±50
(Z)
CRT1206-AS
±10
(W)
10to200KΩ
10to1MΩ
±15
(X)
±25
(Y)
±50
(Z)
Typical Part Marking
Code
E96
Code
E96
Code
E96
Code
E96
01
100
25
178
49
316
73
562
02
102
26
182
50
324
74
576
03
105
27
187
51
332
75
590
04
107
28
191
52
340
76
604
05
110
29
196
53
348
77
619
06
113
30
200
54
357
78
634
07
115
31
205
55
365
79
649
08
118
32
210
56
374
80
665
09
121
33
215
57
383
81
681
10
124
34
221
58
392
82
698
11
127
35
226
59
402
83
715
12
130
36
232
60
412
84
732
13
133
37
237
61
422
85
750
14
137
38
243
62
432
86
768
15
140
39
249
63
442
87
787
16
143
40
255
64
453
88
806
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
21
162
45
287
69
511
93
909
22
165
46
294
70
523
94
931
23
169
47
301
71
536
95
953
24
174
48
309
72
549
96
976
Code
A
B
C
D
E
F
G
H
X
Y
Z
Multiplier
100
101
102
103
104
105
106
107
10-1
10-2
10-3
CRT0402-AS
No marking.
CRT0603-AS
3-Digit Marking
E-96
Examples:
• 52C = 34K Ω,
• 11C = 12.7K Ω
52C
102
2401


Similar Part No. - CRT1206-FW1003EAS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT1206-FW BOURNS-CRT1206-FW Datasheet
425Kb / 4P
   CRT Series - Thin Film Precision Chip Resistors
CRT1206-FW-1003GLF BOURNS-CRT1206-FW-1003GLF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results

Similar Description - CRT1206-FW1003EAS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
   Sulfur Resistant Thick Film Chip Resistors
01-Jan-2022
logo
NIC-Components Corp.
NRCS NIC-NRCS Datasheet
112Kb / 4P
   Sulfur Resistant Thick Film Chip Resistors
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
   Sulfur Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
P VISHAY-P Datasheet
131Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
Revision: 20-Feb-15
P VISHAY-P_V01 Datasheet
148Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
01-Jan-2022
RCA-AUE4 VISHAY-RCA-AUE4 Datasheet
122Kb / 8P
   Sulfur Resistant, Gold Terminated Thick Film Chip Resistors
RCA-IFE3 VISHAY-RCA-IFE3_V01 Datasheet
132Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
01-Jan-2022
RCA-IFE3 VISHAY-RCA-IFE3 Datasheet
135Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com