Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3491EEPE Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM3491EEPE
Description  Low Power, ESD-Protected, Fail-Safe, RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3491EEPE Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM3491EEPE Datasheet HTML 2Page - Union Semiconductor, Inc. UM3491EEPE Datasheet HTML 3Page - Union Semiconductor, Inc. UM3491EEPE Datasheet HTML 4Page - Union Semiconductor, Inc. UM3491EEPE Datasheet HTML 5Page - Union Semiconductor, Inc. UM3491EEPE Datasheet HTML 6Page - Union Semiconductor, Inc. UM3491EEPE Datasheet HTML 7Page - Union Semiconductor, Inc. UM3491EEPE Datasheet HTML 8Page - Union Semiconductor, Inc. UM3491EEPE Datasheet HTML 9Page - Union Semiconductor, Inc. UM3491EEPE Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Feb.2015
6/17
UM3488/UM3491
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
No Load Supply Current vs.
Temperature
100
125
150
175
200
225
250
-60
-40
-20
0
20
40
60
80
100
Temperature(℃)
RE=L,DE=H
Output Current vs.Receiver Output
High Voltage
0
5
10
15
20
25
30
0
1
2
3
4
Output High Voltage (V)
Output Current vs. Receiver Output
Low Voltage
0
10
20
30
40
50
60
0
1
2
3
4
Output Low Voltage (V)
Receiver Output High Voltage vs.
Temperature
2.5
2.55
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
-60
-40
-20
0
20
40
60
80
100
Temperature(℃)
IRO=8mA
RE=L,DE=H


Similar Part No. - UM3491EEPE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3491EEPE UNIONSEMI-UM3491EEPE Datasheet
289Kb / 14P
   3.3V Low Power竊뙿?5kV ESD-Protected, Fail-Safe, RS-422 Transceivers in SOP14/DIP14
More results

Similar Description - UM3491EEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com