Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ180A Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SMAJ180A
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMAJ180A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SMAJ180A Datasheet HTML 1Page - Bourns Electronic Solutions SMAJ180A Datasheet HTML 2Page - Bourns Electronic Solutions SMAJ180A Datasheet HTML 3Page - Bourns Electronic Solutions SMAJ180A Datasheet HTML 4Page - Bourns Electronic Solutions SMAJ180A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Dimensions
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SMAJTransientVoltageSuppressorDiodeSeries
Recommended Footprint
Physical Specifications
Case ...........................................Molded plastic per UL Class 94V-0
Polarity....................... Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
Weight ...........................................................................0.064 grams
DIMENSIONS:
MM
(INCHES)
A
C
B
G
F
D
C
B
MM
(INCHES)
DIMENSIONS:
H
E
A
A
A
C
C
F
E
B
B
D
MM
(INCHES)
DIMENSIONS:
Dimension
SMA (DO-214AC)
A
3.99 - 4.57
(0.157 - 0.180)
B
2.29 - 2.92
(0.090 - 0.115)
C
1.25 - 1.65
(0.049 - 0.065)
D
0.15 - 0.31
(0.006 - 0.112)
E
4.83 - 5.59
(0.190 - 0.220)
F
0.05 - 0.203
(0.002 - 0.008)
G
1.98 - 2.62
(0.078 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
DIMENSIONS:
MM
(INCHES)
Dimension
SMA (DO-214AC)
A (Max.)
2.70
(0.106)
B (Min.)
2.10
(0.083)
C (Min.)
1.27
(0.050)


Similar Part No. - SMAJ180A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ180A LITTELFUSE-SMAJ180A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMAJ180A LUGUANG-SMAJ180A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ180A SOCAY-SMAJ180A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
SMAJ180A FORMOSA-SMAJ180A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMAJ180A SOCAY-SMAJ180A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ180A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com