Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C68-C25 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STK11C68-C25
Description  8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-C25 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STK11C68-C25 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STK11C68
June 1999
4-26
SOFTWARE STORE/RECALL MODE SELECTION
Note m: The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
SOFTWARE STORE/RECALL CYCLEn, o
(VCC = 5.0V ± 10%)
b
Note n:
The software sequence is clocked with E controlled reads.
Note o:
The six consecutive addresses must be in the order listed in the Software STORE/RECALL Mode Selection Table: (0000, 1555, 0AAA, 1FFF,
10F0, 0F0F) for a STORE cycle or (0000, 1555, 0AAA, 1FFF, 10F0, 0F0E) for a RECALL cycle. W must be high during all six consecutive
cycles.
SOFTWARE STORE/RECALL CYCLE: E Controlledo
E
WA12 - A0 (hex)
MODE
I/O
NOTES
LH
0000
1555
0AAA
1FFF
10F0
0F0F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
m
LH
0000
1555
0AAA
1FFF
10F0
0F0E
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
m
NO.
SYMBOLS
PARAMETER
STK11C68-20
STK11C68-25
STK11C68-35
STK11C68-45
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
26
tAVAV
STORE/RECALL Initiation Cycle Time
20
25
35
45
ns
27
tAVEL
n
Address Set-up Time
0000
ns
28
tELEH
n
Clock Pulse Width
15
20
25
30
ns
29
tELAX
n
Address Hold Time
15
20
20
20
ns
30
tRECALL
n
RECALL Duration
20
20
20
20
µs
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
26
tAVAV
DATA VALID
DQ (DATA OUT)
E
ADDRESS
23
30
tSTORE / tRECALL
26
tAVAV
27
tAVEL
28
tELEH
29
tELAX


Similar Part No. - STK11C68-C25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-C35 CYPRESS-STK11C68-C35 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-C35I CYPRESS-STK11C68-C35I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C68-CF25 SIMTEK-STK11C68-CF25 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-CF25I SIMTEK-STK11C68-CF25I Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-CF25ITR SIMTEK-STK11C68-CF25ITR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

Similar Description - STK11C68-C25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com