Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3483E Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM3483E
Description  3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3483E Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM3483E_15 Datasheet HTML 1Page - Union Semiconductor, Inc. UM3483E_15 Datasheet HTML 2Page - Union Semiconductor, Inc. UM3483E_15 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3483E_15 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3483E_15 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3483E_15 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3483E_15 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3483E_15 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3483E_15 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Sep.2015
4/18
UM3483E/UM3486E
DC Electrical Characteristics (Continued)
(VCC = +3V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA =
+25°C.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RECEIVER
Receiver Differential
Threshold Voltage
VTH
-7V≤VCM≤12V
-0.2
-0.05
0.2
V
Receiver Input Hysteresis
ΔV
TH
VCM=0V
25
mV
Receiver Input Resistance
RIN
-7V≤VCM≤12V
96
Input Current (A, B)
IIN2
DE=0V,
VCC=0V or
+3V to 5.5V
VIN = 12V
1
mA
VIN = -7V
-0.8
Receiver Output High Voltage
VOH
IOUT=-1.5mA, VID=200mV,
Figure 2
Vcc-1.5
V
Receiver Output Low Voltage
VOL
IOUT=2.5mA, VID=200mV,
Figure 2
0.4
V
Three-State (High Impedance)
Output Current at Receiver
IOZR
0V≤VOUT≤VCC
1
µA
Receiver Short-Circuit Output
Current
IOSR
0V≤VRO≤VCC
±20
±60 mA
ESD Protection
ESD Protection for A, B
Human Body Model
±15
kV
IEC61000-4-2 Air Discharge
±15
IEC61000-4-2 Contact
Discharge
±8


Similar Part No. - UM3483E_15

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3483EEPA UNIONSEMI-UM3483EEPA Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
UM3483EESA UNIONSEMI-UM3483EESA Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
More results

Similar Description - UM3483E_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com