Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMFT234XD Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # UMFT234XD
Description  UMFT234XD Breakout Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT234XD Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button UMFT234XD Datasheet HTML 3Page - Future Technology Devices International Ltd. UMFT234XD Datasheet HTML 4Page - Future Technology Devices International Ltd. UMFT234XD Datasheet HTML 5Page - Future Technology Devices International Ltd. UMFT234XD Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT234XD Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT234XD Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT234XD Datasheet HTML 9Page - Future Technology Devices International Ltd. UMFT234XD Datasheet HTML 10Page - Future Technology Devices International Ltd. UMFT234XD Datasheet HTML 11Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Copyright ©
2015 Future Technology Devices International Limited
UMFT234XD Datasheet
Version 1.1
Document Reference No.: FT_000801
Clearance No.: FTDI#
327
8
Internal MTP ROM Configuration
Following a power-on reset or a USB reset the FT234XD will scan its internal MTP ROM and read the USB
configuration descriptors stored there. The default values programmed into the internal MTP ROM in the
FT234XD used on the UMFT234XD are shown in Table 8.1.
Parameter
Value
Notes
USB Vendor ID (VID)
0403h
FTDI default VID (hex)
USB Product UD (PID)
6015h
FTDI default PID (hex)
Serial Number Enabled?
Yes
Serial Number
See Note
A unique serial number is generated and programmed into
the MTP ROM during final test of the UMFT234XD module.
Pull down I/O Pins in USB
Suspend
Disabled
Enabling this option will make the device pull down on the
UART interface lines when the power is shut off (PWREN#
is high).
Manufacturer Name
FTDI
Product Description
UMFT234XD
Max Bus Power Current
90mA
Power Source
Bus Powered
Device Type
FT234XD
USB Version
0200
Returns USB 2.0 device description to the host. Note: The
device is a USB 2.0 Full Speed device (12Mb/s).
Remote Wake Up
Enabled
Taking RI# low will wake up the USB host controller from
suspend.
High Current I/Os
Disabled
Enables the high drive level on the serial and CBUS I/O
pins.
Load VCP Driver
Enabled
Makes the device load the VCP driver interface for the
device.
CBUS0
PWREN#
Table 8.1 Default Internal MTP ROM Configuration
The internal MTP ROM in the FT234XD can be programmed over USB using the utility program FT_PROG.
FT_PROG can be downloaded from www.ftdichip.com. Users who do not have their own USB vendor ID
but who would like to use a unique Product ID in their design can apply to FTDI for a free block of unique
PIDs. Contact FTDI Support (support1@ftdichip.com) for this service.


Similar Part No. - UMFT234XD

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT234XF FTDI-UMFT234XF Datasheet
443Kb / 13P
   UMFT234XF Development Module
More results

Similar Description - UMFT234XD

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
8071-3667 GLENAIR-8071-3667 Datasheet
182Kb / 2P
   Breakout Cable
logo
SparkFun Electronics
BOB-11189 SPARKFUN-BOB-11189 Datasheet
106Kb / 1P
   Transceiver Breakout
logo
Microchip Technology
MCP2210 MICROCHIP-MCP2210_12 Datasheet
387Kb / 26P
   Breakout Module
2012
logo
Glenair, Inc.
8071-3089 GLENAIR-8071-3089 Datasheet
271Kb / 2P
   Breakout Cable
logo
RAKwireless Technology ...
RAK3272S RAK-RAK3272S Datasheet
435Kb / 7P
   RAK3272S Breakout Board
6/2/2023
logo
Lattice Semiconductor
LCMXO3D-9400HC-5BG256C LATTICE-LCMXO3D-9400HC-5BG256C Datasheet
2Mb / 3P
   MachXO3D Breakout Board
logo
SparkFun Electronics
SPX-15804 SPARKFUN-SPX-15804 Datasheet
230Kb / 2P
   Qwiic IR Breakout
12????9
BOB-00716 SPARKFUN-BOB-00716 Datasheet
109Kb / 1P
   SparkFun RJ45 Breakout
6/24/2015
BOB-15697 SPARKFUN-BOB-15697 Datasheet
530Kb / 2P
   SparkFun Fuse Breakout Board
10????9
PRT-10588 SPARKFUN-PRT-10588 Datasheet
121Kb / 1P
   SparkFun Audio Jack Breakout
5??6??7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com