Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMFT201XE-01 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # UMFT201XE-01
Description  UMFT221XE USB to 8-bit SPI/FT1248 Development Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT201XE-01 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button UMFT201XE-01 Datasheet HTML 3Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 4Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 5Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 9Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 10Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Copyright © 2012 Future Technology Devices International Limited
UMFT221XE
Version 1.0
Document Reference No.: FT_000651
Clearance No.: FTDI#
293
5
Module Configurations
5.1
Jumper Configuration Options
Jumper No.
Setting
Status
Description
JP1
Shorted
Default
Connects internal 3.3V regulator to VCCIO. This restricts signal drive to only 3.3V
level signals.
JP1
Opened
Non-
Default
Disconnects internal 3.3V regulator connection to VCCIO. This mode allows for the
supply of 1.8V-3.3V power from an external power supply, thus allows the
processing of signals with logic levels between 1.8V and 3.3V. VCCIO can be
adjusted to match the interface requirements of external circuitry.
Table 5.1 – Jumper JP1 Pin Description
Jumper No.
Setting
Status
Description
JP2
Shorted
Default
Connects VBUS to VCC. This mode is known as “USB-Powered” mode.
JP2
Opened
Non-
Default
Disconnects VBUS to VCC. This allows the supply of power from an external power
supply. This mode is known as “Self-Powered” mode.
Table 5.2 – Jumper JP2 Pin Description
Note: There should never be more than one power output supplied to the same net. If JP2 is fitted when
an external power supply is applied a direct short between two power supplies will be formed, this can
result in damage to the UMFT221XE module and the target circuit.


Similar Part No. - UMFT201XE-01

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT201XE-01 FTDI-UMFT201XE-01 Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
UMFT201XE-01 FTDI-UMFT201XE-01 Datasheet
773Kb / 18P
   UMFT231XE USB to Full-Handshake UART Development Module
UMFT201XE-01 FTDI-UMFT201XE-01 Datasheet
813Kb / 18P
   UMFT240XE USB to 8-bit 245 FIFO Development Module
More results

Similar Description - UMFT201XE-01

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT240XE FTDI-UMFT240XE Datasheet
813Kb / 18P
   UMFT240XE USB to 8-bit 245 FIFO Development Module
FT220X FTDI-FT220X Datasheet
947Kb / 46P
   FT220X USB 4-BIT SPI/FT1248 IC Datasheet Version 1.3
UMFT201XE FTDI-UMFT201XE Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
   UMFT230XA USB to Basic UART Development Module
logo
List of Unclassifed Man...
USBMOD4 ETC2-USBMOD4 Datasheet
241Kb / 12P
   USB Plug and Play Parallel 8-Bit FIFO Development Module (Second Generation)
logo
Future Technology Devic...
UMFT231XE FTDI-UMFT231XE Datasheet
773Kb / 18P
   UMFT231XE USB to Full-Handshake UART Development Module
UM232R FTDI-UM232R Datasheet
764Kb / 19P
   USB- Serial UART Development Module
logo
List of Unclassifed Man...
PIC1665 ETC1-PIC1665 Datasheet
430Kb / 10P
   8-Bit Development Microcomputer
logo
Future Technology Devic...
MM232R FTDI-MM232R Datasheet
1,020Kb / 19P
   Mini USB- Serial UART Development Module
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com