Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP3225SA Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NP3225SA
Description  Crystal Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NP3225SA Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NP3225SA Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
Item
Model
NP3225SA
Output Type
LVPECL
Nominal Frequency Range (MHz)
100 to 170
Overall Frequency Tolerance *1
Max. ±50 ×10-6
Operating Temperature Range (°C)
−40 to +85
Supply Voltage [VCC] (V)
+2.5 ± 5 %
+3.3 ± 10 %
Current
Consumption
Enable (mA)
Max. 60 (STAND-BY=VCC or OPEN, RL=50Ω)
Stand-by (μA)
Max. 15 (STAND-BY=GND)
Output Voltage (V)
VOL : VCC –1.81 to VCC –1.62 (DC characteristics)
VOH : VCC –1.025 to VCC –0.88 (DC characteristics)
Rise Time / Fall Time (ns)
Max. 1 (20 to 80% Waveform)
Symmetry (%)
45 to 55 (at 50% Waveform)
Output Load (Ω)
50 (Terminated to VCC–2.0V)
Start-up Time (ms)
Max. 10
Phase Jitter (ps)
Max. 1 (Offset Frequency : 12kHz to 20MHz)
Specification Number
NSC5080A
NSC5080B
*1 : The frequency stability includes initial frequency tolerance, temperature variation, and supply variation.
Specifications
1606A_NP3225SA_e
NP3225SA
Simple Packaged Crystal Oscillator (SPXO)
For communication equipment for ISDN, SDH/SONET, WiMAX, etc. and Base-stations
● Ultra-compact with dimensions of 3.2 × 2.5 × 0.9 mm.
● Supply Voltage : +2.5V or +3.3V.
● LVPECL output level.
● Excellent low phase jitter.(Typ. 0.15ps @156.25MHz)
Features
Main Application
3.2±0.1
0.9
1.25
2.5
0.01F
0.8
Land pattern (Typical)
(2.34)
#1
#2
#3
#6
#5
#4
0.6±0.1
0.5±0.1
C0.30
mm
#1
#2
#3
STAND-BY
GND
NC
#4
#5
#6
OUTPUT
Vcc
OUTPUT
Terminal land connections
Dimensions
80%
20%
Tr
Tf
t
T
Symmetry = t/T × 100
[%]
VOH
VOL
Output waveform
#1 Input
#4 and #5 output
Level H (VIH ≥ 0.7 Vcc)
or OPEN
Oscillation output ON
Level L (VIL ≤ 0.3 Vcc)
High impedance
Standby Function Table (Three-state)
Please specify the model name, frequency, and specification number when
you order products.
For further questions regarding specifications, please feel free to contact us.
Absolute maximum rating
Supply Voltage (VCC) –0.3 to +4.0 V
Storage Temperature Range –55 to +125 °C


Similar Part No. - NP3225SA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NP3225SA NDK-NP3225SA Datasheet
620Kb / 1P
   Simple Packaged Crystal Oscillator
NP3225SA NDK-NP3225SA_18 Datasheet
620Kb / 1P
   Simple Packaged Crystal Oscillator
More results

Similar Description - NP3225SA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com