Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNE41060 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FNE41060
Description  Smart Power Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNE41060 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FNE41060 Datasheet HTML 4Page - Fairchild Semiconductor FNE41060 Datasheet HTML 5Page - Fairchild Semiconductor FNE41060 Datasheet HTML 6Page - Fairchild Semiconductor FNE41060 Datasheet HTML 7Page - Fairchild Semiconductor FNE41060 Datasheet HTML 8Page - Fairchild Semiconductor FNE41060 Datasheet HTML 9Page - Fairchild Semiconductor FNE41060 Datasheet HTML 10Page - Fairchild Semiconductor FNE41060 Datasheet HTML 11Page - Fairchild Semiconductor FNE41060 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
www.fairchildsemi.com
FNE41060 Rev. C
Bootstrap Diode Part
Note:
6. Built in bootstrap diode includes around 15 Ω resistance characteristic.
Figure 6. Built in Bootstrap Diode Characteristic
Symbol
Parameter
Conditions
Min.
Typ. Max.
Units
VF
Forward Voltage
IF = 0.1A, TC = 25°C
-
2.5
-
V
trr
Reverse Recovery Time
IF = 0.1A, TC = 25°C
-
80
-
ns
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Built in Bootstrap Diode V
F-IF Characteristic
T
C=25℃
V
F [V]


Similar Part No. - FNE41060

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FNEPON125 PERICOM-FNEPON125 Datasheet
559Kb / 2P
   3.3V CMOS Low-Jitter 125MHz EPON XO
logo
Diodes Incorporated
FNEPON125 DIODES-FNEPON125 Datasheet
411Kb / 2P
   3.3V CMOS Low-Jitter 125MHz EPON XO
Rev D 07/13/12
logo
Pericom Semiconductor C...
FNETHE025 PERICOM-FNETHE025 Datasheet
734Kb / 2P
   3.3V CMOS Low-Jitter 25 MHz GbE XO
logo
Diodes Incorporated
FNETHE025 DIODES-FNETHE025 Datasheet
282Kb / 2P
   Application Specific Crystal Oscillator 7.0 x 5.0mm
Rev F 07/13/12
More results

Similar Description - FNE41060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com