Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM453232-101JL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CM453232-101JL
Description  SMT Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-101JL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CM453232-101JL Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-101JL Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-101JL Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CM45SeriesSMTChipInductors
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
P1
P2
P3
A
D1
DIA.
B
ØDo
W
F
E
t2
t1
Tape running direction
P1
P2
P3
A
B
ØDo
W
F
E
t2
t2
t1
ip
oponent
Tape running direction
P1
P2
P3
A
B
ØDo
W
F
E
ip
oponent
Paper
arrier
Tape
Tape running direction
ip
oponent
Series
A
B
W
F
E
P1
P2
P3
D0 Dia.
D1 Dia.
t1
t2
CM45
3.60 (.142)
4.90 (.193) 12.00 (.472) 5.50 (.217)
1.75 (.069)
8.00 (.315)
2.00 (.079)
4.00 (.157)
1.50 (.059)
1.00 (.039)
0.25 (.010)
3.50 (.138)
Reel Dimensions
B
A
W
D
C
E
A
B
C
D
E
W
178 (7.008)
60 min.
13 (.512)
21 (.827)
2 (.079)
13 (.512)
Quantity
Weight
500 pcs.
100 g
RoHS Compliant
1812 Size
Inductance
Std.
Std. Tol.
1/2
1/2 Tol.
QTest Freq.
SRF min.
RDC
IDC
Part Number
HTolerance
Code
Tolerance Code
min.
MHz
MHz
ohm max mA max
CM453232-R10<1>L
0.10
±20 %M
±10 %K
35
25.2
3000.18800
CM453232-R12<1>L
0.12
±20 %M
±10 %K
35
25.2
280
0.2
770
CM453232-R15<1>L
0.15
±20 %M
±10 %K
35
25.2
2500.22730
CM453232-R18<1>L
0.18
±20 %M
±10 %K
35
25.2
2200.24700
CM453232-R22<1>L
0.22
±20 %M
±10 %K
40
25.2
2000.25665
CM453232-R27<1>L
0.27
±20 %M
±10 %K
40
25.2
1800.26635
CM453232-R33<1>L
0.33
±20 %M
±10 %K
40
25.2
1650.28605
CM453232-R39<1>L
0.39
±20 %M
±10 %K
40
25.2
1500.30575
CM453232-R47<1>L
0.47
±20 %M
±10 %K
40
25.2
1450.32545
CM453232-R56<1>L
0.56
±20 %M
±10 %K
40
25.2
1400.36520
CM453232-R68<1>L
0.68
±20 %M
±10 %K
40
25.2
1350.40500
CM453232-R82<1>L
0.82
±20 %M
±10 %K
40
25.2
1300.45475
CM453232-1R0<1>L
1.0
±10 %K
±5 %J
50
7.96
100
0.50
450
CM453232-1R2<1>L
1.2
±10 %K
±5 %J
50
7.96
80
0.55
430
CM453232-1R5<1>L
1.5
±10 %K
±5 %J
50
7.96
70
0.60
410
CM453232-1R8<1>L
1.8
±10 %K
±5 %J
50
7.96
60
0.65
390
CM453232-2R2<1>L
2.2
±10 %K
±5 %J
50
7.96
55
0.70
380
CM453232-2R7<1>L
2.7
±10 %K
±5 %J
50
7.96
50
0.75
370
CM453232-3R3<1>L
3.3
±10 %K
±5 %J
50
7.96
45
0.80
355
CM453232-3R9<1>L
3.9
±10 %K
±5 %J
50
7.96
40
0.90
330
CM453232-4R7<1>L
4.7
±10 %K
±5 %J
50
7.96
35
1.00
315
CM453232-5R6<1>L
5.6
±10 %K
±5 %J
50
7.96
33
1.10
300
CM453232-6R8<1>L
6.8
±10 %K
±5 %J
50
7.96
27
1.2285
CM453232-8R2<1>L
8.2
±10 %K
±5 %J
50
7.96
25
1.4270
CM453232-100<1>L
10
±10 %K
±5 %J
50
2.52
20
1.6
250
CM453232-120<1>L
12
±10 %K
±5 %J
50
2.52
18
2225
CM453232-150<1>L
15
±10 %K
±5 %J
50
2.52
17
2.5
200
CM453232-180<1>L
18
±10 %K
±5 %J
50
2.52
15
2.8
190
CM453232-220<1>L
22
±10 %K
±5 %J
50
2.52
13
3.2
180
CM453232-270<1>L
27
±10 %K
±5 %J
50
2.52
12
3.6
170
CM453232-330<1>L
33
±10 %K
±5 %J
50
2.52
11
4160
CM453232-390<1>L
39
±10 %K
±5 %J
50
2.52
10
4.5
150
CM453232-470<1>L
47
±10 %K
±5 %J
50
2.52
10
5140
CM453232-560<1>L
56
±10 %K
±5 %J
50
2.52
9
5.5
135
CM453232-680<1>L
68
±10 %K
±5 %J
50
2.52
96
130
CM453232-820<1>L
82
±10 %K
±5 %J
50
2.52
87
120
CM453232-101<1>L
100
±10 %K
±5 %J
40
2.52
88
110
CM453232-121<1>L
120
±10 %K
±5 %J
40
0.7966
8110
CM453232-151<1>L
150
±10 %K
±5 %J
40
0.7965
9105
CM453232-181<1>L
180
±10 %K
±5 %J
40
0.7965
9.5
102
CM453232-221<1>L
220
±10 %K
±5 %J
40
0.7964
10
100
CM453232-271<1>L
270
±10 %K
±5 %J
40
0.7964
12
92
CM453232-331<1>L
330
±10 %K
±5 %J
40
0.7963.5
14
85
CM453232-391<1>L
390
±10 %K
±5 %J
40
0.7963
18
80
CM453232-471<1>L
470
±10 %K
±5 %J
40
0.7963
26
62
CM453232-561<1>L
560
±10 %K
±5 %J
30
0.7963
30
50
CM453232-681<1>L
680
±10 %K
±5 %J
30
0.7963
30
50
CM453232-821<1>L
820
±10 %K
±5 %J
30
0.7962.5
35
30
CM453232-102<1>L
1000
±10 %K
±5 %J
30
0.2522.5
40
30
<1> Enter tolerance code from standard or 1/2 tolerance column. Example: CM453232-1R2KL is standard tolerance; CM453232-1R2JL is 1/2 tolerance.
DIMENSIONS:
MM
(INCHES)


Similar Part No. - CM453232-101JL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM453232-1011L BOURNS-CM453232-1011L Datasheet
449Kb / 9P
   SMT Chip Inductors
CM453232-101K BOURNS-CM453232-101K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM453232-101KL BOURNS-CM453232-101KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
More results

Similar Description - CM453232-101JL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5406 SUMIDA-5406 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5309 SUMIDA-5309 Datasheet
1Mb / 10P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
   SMT Chip Inductors
logo
Sumida Corporation
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com