Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD230QDQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65HVD230QDQ1
Description  3.3-V CAN TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD230QDQ1 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD230QDQ1 Datasheet HTML 1Page - Texas Instruments SN65HVD230QDQ1 Datasheet HTML 2Page - Texas Instruments SN65HVD230QDQ1 Datasheet HTML 3Page - Texas Instruments SN65HVD230QDQ1 Datasheet HTML 4Page - Texas Instruments SN65HVD230QDQ1 Datasheet HTML 5Page - Texas Instruments SN65HVD230QDQ1 Datasheet HTML 6Page - Texas Instruments SN65HVD230QDQ1 Datasheet HTML 7Page - Texas Instruments SN65HVD230QDQ1 Datasheet HTML 8Page - Texas Instruments SN65HVD230QDQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SN65HVD230Q-Q1
SN65HVD231Q-Q1
SN65HVD232Q-Q1
SGLS117C – JUNE 2001 – REVISED JUNE 2002
3.3-V CAN TRANSCEIVERS
1
www.ti.com
FEATURES
D Qualification in Accordance With AEC-Q100
D Qualified for Automotive Applications
D Customer-Specific Configuration Control Can
Be Supported Along With Major-Change
Approval
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Operates With a 3.3-V Supply
D Low Power Replacement for the PCA82C250
Footprint
D Bus/Pin ESD Protection Exceeds 15-kV HBM
D Controlled Driver Output Transition Times for
Improved Signal Quality on the SN65HVD230Q
and SN65HVD231Q
D Unpowered Node Does Not Disturb the Bus
D Compatible With the Requirements of the
ISO 11898 Standard
D Low-Current SN65HVD230Q Standby Mode
370
µA Typical
† Contact factory for details. Q100 qualification data available on
request.
D Low-Current SN65HVD231Q Sleep Mode
0.1
µA Typical
D Designed for Signaling RatesUp To
1 Megabit/Second (Mbps)
D Thermal Shutdown Protection
D Open-Circuit Fail-Safe Design
logic diagram (positive logic)
CANL
CANH
R
D
1
4
7
6
SN65HVD230Q, SN65HVD231Q
Logic Diagram (Positive Logic)
RS
8
Vref
5
3
VCC
CANL
CANH
R
D
1
4
7
6
SN65HVD232Q
Logic Diagram (Positive Logic)
‡ The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
D
GND
VCC
R
RS
CANH
CANL
Vref
SN65HVD230QD
SN65HVD231QD
(TOP VIEW)
1
2
3
4
8
7
6
5
D
GND
VCC
R
NC
CANH
CANL
NC
SN65HVD232QD
(TOP VIEW)
NC – No internal connection
1
2
3
4
8
7
6
5
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN65HVD230QDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230QDQ1 TI-SN65HVD230QDQ1 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDQ1 TI1-SN65HVD230QDQ1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDQ1 TI1-SN65HVD230QDQ1 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD230QDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com