Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5NLE50E Datasheet(PDF) 8 Page - Littelfuse

Part # 5NLE50E
Description  Power Transformer Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5NLE50E Datasheet(HTML) 8 Page - Littelfuse

Back Button 5NLE50E Datasheet HTML 2Page - Littelfuse 5NLE50E Datasheet HTML 3Page - Littelfuse 5NLE50E Datasheet HTML 4Page - Littelfuse 5NLE50E Datasheet HTML 5Page - Littelfuse 5NLE50E Datasheet HTML 6Page - Littelfuse 5NLE50E Datasheet HTML 7Page - Littelfuse 5NLE50E Datasheet HTML 8Page - Littelfuse 5NLE50E Datasheet HTML 9Page - Littelfuse 5NLE50E Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
8 of 10
E-RATED MEDIUM VOLTAGE FUSES
E-RATED
ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
10E1CL5.5
10E
16.38"
15.13"
80,000
7
15E1CL5.5
15E
16.38"
15.13"
80,000
7
20E1C5.5
20E
16.38"
15.13"
80,000
7
25E1CL5.5
25E
16.38"
15.13"
80,000
7
30E1CL5.5
30E
16.38"
15.13"
80,000
7
40E1CL5.5
40E
16.38"
15.13"
80,000
7
50E1CL5.5
50E
16.38"
15.13"
80,000
7
65E1CL5.5
65E
16.38"
15.13"
80,000
7
80E1CL5.5
80E
16.38"
15.13"
80,000
7
100E1CL5.5
100E
16.38"
15.13"
80,000
7
125E1CL5.5
125E
16.38"
15.13"
80,000
7
150E1CL5.5
150E
16.38"
15.13"
80,000
7
225E2CL5.5
225E
17.38"
16.13"
80,000
8
250E2CL5.5
250E
17.38"
16.13"
80,000
8
300E2CL5.5
300E
17.38"
16.13"
80,000
8
350E2CL5.5
350E
17.38"
16.13"
80,000
8
400E2CL5.5
400E
17.38"
16.13"
80,000
8
450E2CL5.5
450E
17.38"
16.13"
80,000
8
500E3CL5.5
500E
17.38"
16.13"
80,000
9
550E3CL5.5
550E
17.38"
16.13"
80,000
9
600E3CL5.5
600E
17.38"
16.13"
80,000
9
4.31
7.94
11.56
1.25
A B
1.25
.25
3.0
Clip Lock Design
The clip lock type designs ensures a positive contact between
the fuse and the connection cam. The fuse’s clip lock tab slides
in between the clip casting and the cam to prevent the fuse
from slipping or blowing out of the holder. This positive contact
improves heat dissipation and allows fuses to run cooler.
Figure 7
Figure 8
Figure 9
E-RATED
ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
10E1CL8.25
10E
17.38"
16.13"
80,000
7
15E1CL8.25
15E
17.38"
16.13"
80,000
7
20E1C8.25
20E
17.38"
16.13"
80,000
7
25E1CL8.25
25E
17.38"
16.13"
80,000
7
30E1CL8.25
30E
17.38"
16.13"
80,000
7
40E1CL8.25
40E
17.38"
16.13"
80,000
7
50E1CL8.25
50E
17.38"
16.13"
80,000
7
65E1CL8.25
65E
17.38"
16.13"
80,000
7
80E1CL8.25
80E
17.38"
16.13"
80,000
7
100E1CL8.25
100E
17.38"
16.13"
80,000
7
125E2CL8.25
125E
17.38"
16.13"
80,000
8
150E2CL8.25
150E
17.38"
16.13"
80,000
8
175E2CL8.25
175E
17.38"
16.13"
80,000
8
200E2CL8.25
200E
17.38"
16.13"
80,000
8
225E2CL8.25
225E
17.38"
16.13"
80,000
8
250E2CL8.25
250E
17.38"
16.13"
80,000
8
300E2CL8.25
300E
17.38"
16.13"
80,000
8
350E3CL8.25
350E
17.38"
16.13"
80,000
9
E-RATED
ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
10E1CL15.5
10E
19.8"
18.1"
60,000
7
15E1CL15.5
15E
19.8"
18.1"
60,000
7
20E1CL15.5
20E
19.8"
18.1"
60,000
7
25E1CL15.5
25E
19.8"
18.1"
60,000
7
30E1CL15.5
30E
19.8"
18.1"
60,000
7
40E1CL15.5
40E
19.8"
18.1"
60,000
7
50E1CL15.5
50E
19.8"
18.1"
60,000
7
65E1CL15.5
65E
22.81"
21.13"
60,000
7
80E1CL15.5
80E
22.81"
21.13"
60,000
7
100E1CL15.5
100E
22.81"
21.13"
60,000
7
125E2CL15.5
125E
22.81"
21.13”
60,000
8
150E2CL15.5
150E
22.81”
21.13”
60,000
8
175E2CL15.5
175E
22.81"
21.13”
60,000
8
200E2CL15.5
200E
22.81”
21.13”
60,000
8
150E3CL15.5
150E
22.81"
21.13”
60,000
9
200E3CL15.5
200E
22.81"
21.13”
60,000
9
250E3CL15.5
250E
22.81"
21.13”
60,000
9
300E3CL15.5
300E
22.81"
21.13”
60,000
9
Dimensions in inches
* RMS Asymmetrical amperes = RMS Symmetrical amperes x 1.6


Similar Part No. - 5NLE50E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5NLE50E LITTELFUSE-5NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
5NLE50E LITTELFUSE-5NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
5NLE50E LITTELFUSE-5NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 5NLE50E

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com