Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD232QD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD232QD
Description  3.3-V CAN TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD232QD Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD232QD Datasheet HTML 6Page - Texas Instruments SN65HVD232QD Datasheet HTML 7Page - Texas Instruments SN65HVD232QD Datasheet HTML 8Page - Texas Instruments SN65HVD232QD Datasheet HTML 9Page - Texas Instruments SN65HVD232QD Datasheet HTML 10Page - Texas Instruments SN65HVD232QD Datasheet HTML 11Page - Texas Instruments SN65HVD232QD Datasheet HTML 12Page - Texas Instruments SN65HVD232QD Datasheet HTML 13Page - Texas Instruments SN65HVD232QD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SN65HVD230Q-Q1
SN65HVD231Q-Q1
SN65HVD232Q-Q1
SGLS117C – JUNE 2001 – REVISED JUNE 2002
10
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VO
RL = 60 Ω
50
Signal
Generator
(see Note A)
CL = 50 pF
(see Note B)
90%
Output
0.9 V
10%
tf
VOD(R)
VOD(D)
tr
Input
0 V
3 V
tP(HL)
1.5 V
tP(LH)
RS = 0 Ω to 100 kΩ for SN65HVD230Q and SN65HVD231Q
N/A for SN65HVD232Q
0.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 500 kHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
Zo = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 4. Driver Test Circuit and Voltage Waveforms
V
IC +
V
CANH )
V
CANL
2
VID
VO
VCANL
VCANH
IO
Figure 5. Receiver Voltage and Current Definitions


Similar Part No. - SN65HVD232QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD232QD TI-SN65HVD232QD Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QD TI1-SN65HVD232QD Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QD TI1-SN65HVD232QD Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDG4 TI1-SN65HVD232QDG4 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDQ1 TI-SN65HVD232QDQ1 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD232QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com