Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0760113623 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0760113623
Description  GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Left Guided Coplanar,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0760113623 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0760113623 Datasheet HTML 1Page - Molex Electronics Ltd. 0760113623 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
1.0A
Data Rate
12.0 Gbps
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-588
Product Specification
PS-75710-999
Sales Drawing
SD-76011-002
Right Angle Male
(RAM) Module
Removal Tool
0622023080
Press-In Tool
for Right Angle
Receptacle and
Header 7-Row, 6-
Column
0622018611
This document was generated on 06/09/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0760113623

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760113625 MOLEX11-0760113625 Datasheet
45Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Left Guided Coplanar
More results

Similar Description - 0760113623

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0759103523 MOLEX11-0759103523 Datasheet
41Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Left Guided Coplanar,
0760113625 MOLEX11-0760113625 Datasheet
45Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Left Guided Coplanar
0759107123 MOLEX11-0759107123 Datasheet
33Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Left Guided Coplanar,
0760113635 MOLEX11-0760113635 Datasheet
40Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Left Guided Coplanar,
0759103623 MOLEX11-0759103623 Datasheet
33Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Left Guided Coplanar,
0760113633 MOLEX11-0760113633 Datasheet
40Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Left Guided Coplanar,
0759107633 MOLEX11-0759107633 Datasheet
40Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Left Guided Coplanar
0760113125 MOLEX11-0760113125 Datasheet
45Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Left Guided Coplanar,
0760115133 MOLEX11-0760115133 Datasheet
40Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided Coplanar
0760115123 MOLEX11-0760115123 Datasheet
40Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided Coplanar
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com