Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12-PMB-260-DC-E Datasheet(PDF) 7 Page - API Technologies Corp

Part # 12-PMB-260-DC-E
Description  Power Line Filters Appliance Filters
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

12-PMB-260-DC-E Datasheet(HTML) 7 Page - API Technologies Corp

Back Button 12-PMB-260-DC-E Datasheet HTML 3Page - API Technologies Corp 12-PMB-260-DC-E Datasheet HTML 4Page - API Technologies Corp 12-PMB-260-DC-E Datasheet HTML 5Page - API Technologies Corp 12-PMB-260-DC-E Datasheet HTML 6Page - API Technologies Corp 12-PMB-260-DC-E Datasheet HTML 7Page - API Technologies Corp 12-PMB-260-DC-E Datasheet HTML 8Page - API Technologies Corp 12-PMB-260-DC-E Datasheet HTML 9Page - API Technologies Corp 12-PMB-260-DC-E Datasheet HTML 10Page - API Technologies Corp 12-PMB-260-DC-E Datasheet HTML 11Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Power Line Filters
Single Stage
Common Mode
Normal Mode
Dimensions in inches
(mm)
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
62-PRF-010-5-11
62-PRF-010-5-12
62-PRF-030-5-11
62-PRF-030-5-12
62-PRFSeries
62-P(P/Q/R)FSeries
62-PPFSeries
62-PQFSeries
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
62-PPF-020-5-12
62-PPF-020-5-11
62-PPF-060-5-11
62-PPF-060-5-12
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
1
2
5
10
20
50
62-PQF-020-5-12
62-PQF-020-5-11
62-PQF-060-5-11
62-PQF-060-5-12
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
50Ω
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
62-P(Q/P)-060-5-11
62-P(Q/P)-020-5-11
62-P(Q/P)-030-5-11
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
.786
(20)
1.573
(40)
Fast-on tab #110
.177 x .138 (
4.5 x 3.5)
.590
(15)
.904
(23)
.354
(9)
1.947
(49.5)
.354
(
9)
2.006
(51)
1.265
(32)
120
100
80
60
40
20
0
20
30
40
50
60
70
80
90
Ambient Temperature (°C)
Temperature Characteristics
Also available with .250 Fast-ons
62-PPF/PQF/PRF Series
PF55


Similar Part No. - 12-PMB-260-DC-E

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
12-002-101ST ARIES-12-002-101ST Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101STL ARIES-12-002-101STL Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101T ARIES-12-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101TL ARIES-12-002-101TL Datasheet
181Kb / 1P
   DIP Jumpers
12-002-102ST ARIES-12-002-102ST Datasheet
181Kb / 1P
   DIP Jumpers
More results

Similar Description - 12-PMB-260-DC-E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com