Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12-PMF-020-DC-C Datasheet(PDF) 6 Page - API Technologies Corp

Part # 12-PMF-020-DC-C
Description  Power Line Filters Appliance Filters
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

12-PMF-020-DC-C Datasheet(HTML) 6 Page - API Technologies Corp

Back Button 12-PMF-020-DC-C Datasheet HTML 2Page - API Technologies Corp 12-PMF-020-DC-C Datasheet HTML 3Page - API Technologies Corp 12-PMF-020-DC-C Datasheet HTML 4Page - API Technologies Corp 12-PMF-020-DC-C Datasheet HTML 5Page - API Technologies Corp 12-PMF-020-DC-C Datasheet HTML 6Page - API Technologies Corp 12-PMF-020-DC-C Datasheet HTML 7Page - API Technologies Corp 12-PMF-020-DC-C Datasheet HTML 8Page - API Technologies Corp 12-PMF-020-DC-C Datasheet HTML 9Page - API Technologies Corp 12-PMF-020-DC-C Datasheet HTML 10Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Power Line Filters
Single Stage
Features
I
Low-cost plastic case
I
Compact design requires minimal real estate space
I
Suitable for products that must conform
to FCC and FTZ regulations
I
Wide variety of circuit and filtering options
I
Good filtering characteristics for both normal mode
and common mode
I
Epoxy molded for reliability
I
Operating temperature: -25°C to +85°C
(including temperature rise, see graph on page PF55)
Applications
I
Personal computers and peripherals
I
Digital equipment
I
Industrial equipment
I
Vending machines
I
Office equipment
62-PQF*
Series
62-PPF*
Series
62-PRF*
Series
* Bleeder Resistor is available only for
62-P(Q/R/P)F-XXX-X-12
R
R
R
L1
L1
L1
L1
CX
CX
CX
CY
CY
CY
CY
CY
CY
Circuit Diagrams
Note: All types are designed to meet the requirement of UL 1283, CSA 22.2. VDE 0565-3
Test voltage: 1500VAC one minute, line to ground
Insulation resistance: 300 Mohm min. at 500VDC
Voltage drop: 1V max. (except 62-PRF-010-5-11) at rated current
62-PRF-010-5-11: 1.5V max. at rated current
Weight: 62-PPF & PQF Series: 2.11 ounces (60 grams)
62-PRF Series: 1.76 ounces (50 grams)
62-PPF/PQF/PRF Series
PF54
Model
RatedVoltage
Rated LeakageCurrent
Capacitance
Inductance Temperature
(@50/60Hz)
Current
(Max.)
CY
CX
(L1)
Rise(Max.)
Specifications
62-PQF-020-5-11
0.50mA
62-PQF-020-5-12
2A
0.1uF
3A
6A
30°C
15mH
8mH
2.1mH
1A
3A
250VAC
62-PPF-020-5-11
62-PPF-020-5-12
62-PQF-030-5-11
62-PQF-030-5-12
62-PPF-030-5-11
62-PPF-030-5-12
62-PQF-060-5-11
62-PQF-060-5-12
62-PPF-060-5-11
62-PPF-060-5-12
62-PRF-010-5-11
62-PRF-010-5-12
62-PRF-020-5-11
62-PRF-020-5-12
62-PRF-030-5-11
62-PRF-030-5-12
3300pF
2A
.22uF
0.1uF
.22uF
0.1uF
.22uF
0.1uF
.22uF
0.1uF
.22uF
0.1uF
.22uF
0.1uF
.22uF
0.1uF
.22uF
0.1uF
.22uF
486uH
97uH
181uH
Tested and found to be
IAW VDE 0565 Part 3


Similar Part No. - 12-PMF-020-DC-C

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
12-002-101ST ARIES-12-002-101ST Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101STL ARIES-12-002-101STL Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101T ARIES-12-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
12-002-101TL ARIES-12-002-101TL Datasheet
181Kb / 1P
   DIP Jumpers
12-002-102ST ARIES-12-002-102ST Datasheet
181Kb / 1P
   DIP Jumpers
More results

Similar Description - 12-PMF-020-DC-C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com