Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL6652DG20 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # SL6652DG20
Description  LOWER POWER IF/AF CIRCUIT (WITH RSSI) FOR FM CELLULAR RADIO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6652DG20 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button SL6652DG20 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6652DG20 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6652DG20 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6652DG20 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6652DG20 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6652DG20 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6652DG20 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6652DG20 Datasheet HTML 9Page - Zarlink Semiconductor Inc SL6652DG20 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SL6652
Supply voltage
The SL6652 will operate reliably from 2.5V to 7.5V The
supply line must be decoupled with 470nF using short leads.
Detector
The internal band gap reference must be externally
decoupled. It can be used as an external reference but must
not be loaded heavily; the output impedance is tyically 14
ohms.
Fig. 4 Audio output vs input and temperature at 2.5V
Fig. 5 Audio output vs input and temperature at 5.0V
Fig. 6 Audio output vs input and temperature at +7.5V
Fig. 7 Audio output vs input and supply voltage at +25
°C
Fig. 8 SINAD and input level
Fig. 9 AM rejection and input level


Similar Part No. - SL6652DG20

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6654 ZARLINK-SL6654 Datasheet
406Kb / 10P
   LOWER POWER IF/AF CIRCUIT (WITH RSSI) FOR FM CELLULAR RADIO
SL6659 ZARLINK-SL6659 Datasheet
496Kb / 15P
   LOW POWER IF/AF CIRCUIT (WITH RSSI) FOR FM RADIO
More results

Similar Description - SL6652DG20

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6654 ZARLINK-SL6654 Datasheet
406Kb / 10P
   LOWER POWER IF/AF CIRCUIT (WITH RSSI) FOR FM CELLULAR RADIO
SL6659 ZARLINK-SL6659 Datasheet
496Kb / 15P
   LOW POWER IF/AF CIRCUIT (WITH RSSI) FOR FM RADIO
logo
Samsung semiconductor
S1T8514B SAMSUNG-S1T8514B Datasheet
104Kb / 6P
   FM IF RECEIVER WITH RSSI
KA8514 SAMSUNG-KA8514 Datasheet
105Kb / 5P
   FM IF RECEIVER WITH RSSI
logo
NXP Semiconductors
TEA5570 PHILIPS-TEA5570 Datasheet
180Kb / 19P
   RF/IF circuit for AM/FM radio
September 1987
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
logo
List of Unclassifed Man...
SL6600C ETC1-SL6600C Datasheet
175Kb / 4P
   LOW POWER IF/AF PLL CIRCUIT FOR NARROW BAND FM
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
New Japan Radio
NJM2206 NJRC-NJM2206 Datasheet
506Kb / 13P
   LOW POWER IF/AF PLL CIRCUIT FOR NARROW BAND FM RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com