Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV1117DT18T5 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV1117DT18T5
Description  1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1117DT18T5 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV1117DT18T5 Datasheet HTML 7Page - ON Semiconductor NCV1117DT18T5 Datasheet HTML 8Page - ON Semiconductor NCV1117DT18T5 Datasheet HTML 9Page - ON Semiconductor NCV1117DT18T5 Datasheet HTML 10Page - ON Semiconductor NCV1117DT18T5 Datasheet HTML 11Page - ON Semiconductor NCV1117DT18T5 Datasheet HTML 12Page - ON Semiconductor NCV1117DT18T5 Datasheet HTML 13Page - ON Semiconductor NCV1117DT18T5 Datasheet HTML 14Page - ON Semiconductor NCV1117DT18T5 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCP1117, NCV1117
http://onsemi.com
11
ORDERING INFORMATION
Device
Nominal Output
Voltage
Package
Shipping
NCP1117DTA
Adjustable
DPAK
75 Units / Rail
NCP1117DTAG
Adjustable
DPAK
(Pb−Free)
75 Units / Rail
NCP1117DTARK
Adjustable
DPAK
2500 / Tape & Reel
NCP1117DTARKG
Adjustable
DPAK
(Pb−Free)
2500 / Tape & Reel
NCP1117DTAT5
Adjustable
DPAK
2500 / Tape & Reel
NCP1117STAT3
Adjustable
SOT−223
4000 / Tape & Reel
NCP1117STAT3G
Adjustable
SOT−223
(Pb−Free)
4000 / Tape & Reel
NCP1117DT12
12
DPAK
75 Units / Rail
NCP1117DT12RK
12
DPAK
2500 / Tape & Reel
NCP1117DT12T3
12
SOT−223
4000 / Tape & Reel
NCP1117DT15
1.5
DPAK
75 Units / Rail
NCP1117DT15RK
1.5
DPAK
2500 / Tape & Reel
NCP1117DT15RKG
1.5
DPAK
(Pb−Free)
2500 / Tape & Reel
NCP1117ST15T3
1.5
SOT−223
4000 / Tape & Reel
NCP1117ST15T3G
1.5
SOT−223
(Pb−Free)
4000 / Tape & Reel
NCP1117DT18
1.8
DPAK
75 Units / Rail
NCP1117DT18RK
1.8
DPAK
2500 / Tape & Reel
NCP1117DT18RKG
1.8
DPAK
(Pb−Free)
2500 / Tape & Reel
NCP1117DT18T5
1.8
DPAK
2500 / Tape & Reel
NCP1117DT18T5G
1.8
DPAK
(Pb−Free)
2500 / Tape & Reel
NCP1117ST18T3
1.8
SOT−223
4000 / Tape & Reel
NCP1117ST18T3G
1.8
SOT−223
(Pb−Free)
4000 / Tape & Reel
NCP1117DT20
2.0
DPAK
75 Units / Rail
NCP1117DT20RK
2.0
DPAK
2500 / Tape & Reel
NCP1117ST20T3
2.0
SOT−223
4000 / Tape & Reel
NCP1117ST20T3G
2.0
SOT−223
(Pb−Free)
4000 / Tape & Reel
NCP1117DT25
2.5
DPAK
75 Units / Rail
NCP1117DT25RK
2.5
DPAK
2500 / Tape & Reel
NCP1117DT25RKG
2.5
DPAK
(Pb−Free)
2500 / Tape & Reel
NCP1117DT25T5
2.5
DPAK
2500 / Tape & Reel
NCP1117ST25T3
2.5
SOT−223
4000 / Tape & Reel
NCP1117ST25T3G
2.5
SOT−223
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
*NCV prefix is for automotive and other applications requiring site and control changes.


Similar Part No. - NCV1117DT18T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117DT18T5 ONSEMI-NCV1117DT18T5 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCV1117DT18T5G ONSEMI-NCV1117DT18T5G Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCV1117DT18T5G ONSEMI-NCV1117DT18T5G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCV1117DT18T5G ONSEMI-NCV1117DT18T5G Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCV1117DT18T5G ONSEMI-NCV1117DT18T5G Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results

Similar Description - NCV1117DT18T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117 ONSEMI-NCP1117_07 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com