Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1431B-47 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM1431B-47
Description  30V Input, 100mA Current Limit, Micropower Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1431B-47 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM1431B-47 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1431B-47 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1431B-47 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1431B-47 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1431B-47 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1431B-47 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1431B-47 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1431B-47 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1431B-47 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2016
6/19
UM1431/1441
Ordering Information (Continued)
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM1431Y-20
2.0V
SOT89-3
(Tab connected to
VIN)
4RA
1000pcs/7Inch
Tape & Reel
UM1431Y-21
2.1V
4RB
UM1431Y-22
2.2V
4R2
UM1431Y-23
2.3V
4R3
UM1431Y-24
2.4V
4R4
UM1431Y-25
2.5V
4R5
UM1431Y-26
2.6V
4R6
UM1431Y-27
2.7V
4R7
UM1431Y-28
2.8V
4R8
UM1431Y-29
2.9V
4R9
UM1431Y-30
3.0V
4RC
UM1431Y-31
3.1V
4RD
UM1431Y-32
3.2V
4RE
UM1431Y-33
3.3V
4RF
UM1431Y-34
3.4V
4RH
UM1431Y-35
3.5V
4RL
UM1431Y-36
3.6V
4RM
UM1431Y-37
3.7V
4RJ
UM1431Y-38
3.8V
4RK
UM1431Y-39
3.9V
4RN
UM1431Y-40
4.0V
4RP
UM1431Y-41
4.1V
4RQ
UM1431Y-42
4.2V
4RR
UM1431Y-43
4.3V
4RS
UM1431Y-44
4.4V
4RT
UM1431Y-45
4.5V
4RY
UM1431Y-46
4.6V
4RU
UM1431Y-47
4.7V
4RZ
UM1431Y-48
4.8V
4FF
UM1431Y-49
4.9V
4FH
UM1431Y-50
5.0V
4FL
UM1431Y-51
5.1V
4FM
UM1431Y-52
5.2V
4FJ
UM1431Y-53
5.3V
4FK
UM1431Y-54
5.4V
4FN
UM1431Y-55
5.5V
4FP
UM1431Y-56
5.6V
4FQ
UM1431Y-57
5.7V
4FR
UM1431Y-58
5.8V
4FS
UM1431Y-59
5.9V
4FT
UM1431Y-60
6.0V
4FY


Similar Part No. - UM1431B-47

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1430B-20 UNIONSEMI-UM1430B-20 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1430B-21 UNIONSEMI-UM1430B-21 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1430B-22 UNIONSEMI-UM1430B-22 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1430B-23 UNIONSEMI-UM1430B-23 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
More results

Similar Description - UM1431B-47

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050_10 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
   High Input Micropower Linear Regulator
HM7550HB HMSEMI-HM7550HB Datasheet
222Kb / 2P
   High Input Micropower Linear Regulator
HM7530HB HMSEMI-HM7530HB Datasheet
194Kb / 2P
   High Input Micropower Linear Regulator
logo
Linear Technology
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com