Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1430B-32 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM1430B-32
Description  18V Input, 100mA Current Limited, Micropower Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1430B-32 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM1430B-32 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1430B-32 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1430B-32 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1430B-32 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1430B-32 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1430B-32 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1430B-32 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1430B-32 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1430B-32 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 Mar.2016
6/19
UM1430/1440
Ordering Information (Continued)
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM1430Y-20
2.0V
SOT89-3
(Tab connected to
VIN)
4EA
1000pcs/7Inch
Tape & Reel
UM1430Y-21
2.1V
4EB
UM1430Y-22
2.2V
4E2
UM1430Y-23
2.3V
4E3
UM1430Y-24
2.4V
4E4
UM1430Y-25
2.5V
4E5
UM1430Y-26
2.6V
4E6
UM1430Y-27
2.7V
4E7
UM1430Y-28
2.8V
4E8
UM1430Y-29
2.9V
4E9
UM1430Y-30
3.0V
4EC
UM1430Y-31
3.1V
4ED
UM1430Y-32
3.2V
4EE
UM1430Y-33
3.3V
4EF
UM1430Y-34
3.4V
4EH
UM1430Y-35
3.5V
4EL
UM1430Y-36
3.6V
4EM
UM1430Y-37
3.7V
4EJ
UM1430Y-38
3.8V
4EK
UM1430Y-39
3.9V
4EN
UM1430Y-40
4.0V
4EP
UM1430Y-41
4.1V
4EQ
UM1430Y-42
4.2V
4ER
UM1430Y-43
4.3V
4ES
UM1430Y-44
4.4V
4ET
UM1430Y-45
4.5V
4EY
UM1430Y-46
4.6V
4EU
UM1430Y-47
4.7V
4EZ
UM1430Y-48
4.8V
4FA
UM1430Y-49
4.9V
4FB
UM1430Y-50
5.0V
4FC
UM1430Y-51
5.1V
4FD
UM1430Y-52
5.2V
4F2
UM1430Y-53
5.3V
4F3
UM1430Y-54
5.4V
4F4
UM1430Y-55
5.5V
4F5
UM1430Y-56
5.6V
4F6
UM1430Y-57
5.7V
4F7
UM1430Y-58
5.8V
4F8
UM1430Y-59
5.9V
4F9
UM1430Y-60
6.0V
4FE


Similar Part No. - UM1430B-32

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-20 UNIONSEMI-UM1431B-20 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-21 UNIONSEMI-UM1431B-21 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-22 UNIONSEMI-UM1431B-22 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-23 UNIONSEMI-UM1431B-23 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
More results

Similar Description - UM1430B-32

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
   High Input Micropower Linear Regulator
HM7550HB HMSEMI-HM7550HB Datasheet
222Kb / 2P
   High Input Micropower Linear Regulator
HM7530HB HMSEMI-HM7530HB Datasheet
194Kb / 2P
   High Input Micropower Linear Regulator
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Sipex Corporation
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
logo
Analog Microelectronics
AME78LXX AME-AME78LXX Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com