Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDD614SI Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXDD614SI
Description  14A Peak Source/Sink Drive Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD614SI Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXDD614SI Datasheet HTML 6Page - IXYS Corporation IXDD614SI Datasheet HTML 7Page - IXYS Corporation IXDD614SI Datasheet HTML 8Page - IXYS Corporation IXDD614SI Datasheet HTML 9Page - IXYS Corporation IXDD614SI Datasheet HTML 10Page - IXYS Corporation IXDD614SI Datasheet HTML 11Page - IXYS Corporation IXDD614SI Datasheet HTML 12Page - IXYS Corporation IXDD614SI Datasheet HTML 13Page - IXYS Corporation IXDD614SI Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_614
10
www.ixysic.com
R06
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
-10
-12
-14
-16
-18
-20
-22
Output Source Current
vs. Temperature
(C
L=330nF, VCC=18V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
16
17
18
19
20
21
22
23
24
Output Sink Current
vs. Temperature
(C
L=330nF, VCC=18V)
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
High-State Output Resistance @ -10mA
vs. Supply Voltage
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Low-State Output Resistance @ +10mA
vs. Supply Voltage


Similar Part No. - IXDD614SI

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXDD614SI CLARE-IXDD614SI Datasheet
1Mb / 14P
   14-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDD614SI IXYS-IXDD614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
logo
Clare, Inc.
IXDD614SITR CLARE-IXDD614SITR Datasheet
1Mb / 14P
   14-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDD614SITR IXYS-IXDD614SITR Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results

Similar Description - IXDD614SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXD_609 IXYS-IXD_609 Datasheet
322Kb / 14P
   9A Peak Source/Sink Drive Current
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
   4A Peak Source/Sink Drive Current
IXD_602 IXYS-IXD_602 Datasheet
308Kb / 13P
   2A Peak Source/Sink Drive Current
IXD_630 IXYS-IXD_630 Datasheet
271Kb / 12P
   30A Peak Source/Sink Drive Current
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900_15 Datasheet
176Kb / 6P
   Up to 8 Amp Peak Source and Sink Current
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Source and Current Sink
logo
Maxim Integrated Produc...
MAX5048C MAXIM-MAX5048C Datasheet
1Mb / 11P
   7A Sink/3A Source Current
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com