Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IX3180G Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX3180G
Description  2.5A Maximum Peak Output Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3180G Datasheet(HTML) 4 Page - IXYS Corporation

  IX3180G Datasheet HTML 1Page - IXYS Corporation IX3180G Datasheet HTML 2Page - IXYS Corporation IX3180G Datasheet HTML 3Page - IXYS Corporation IX3180G Datasheet HTML 4Page - IXYS Corporation IX3180G Datasheet HTML 5Page - IXYS Corporation IX3180G Datasheet HTML 6Page - IXYS Corporation IX3180G Datasheet HTML 7Page - IXYS Corporation IX3180G Datasheet HTML 8Page - IXYS Corporation IX3180G Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R02
IX3180
1.4 Recommended Operating Conditions
1.5 Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified. Typical values are at TA=25°C.
1 Maximum pulse width = 50
s, maximum duty cycle = 0.5%.
2 Maximum pulse width = 10
s, maximum duty cycle = 0.2%.
See “Test Circuits” on page 8 for more information.
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VCC - VEE
10
20
V
Input Current (ON)
IF(on)
10
16
mA
Input Voltage (OFF)
VF(off)
-3.6
0.8
V
Operating Temperature
TA
-40
100
°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
High Level Output Current
VO=(VCC-4V)
1
IOH
- 0.5
-
-
A
VO=(VCC-10V)
2
- 2
-
-
Low Level Output Current
VO=(VEE+2.5V)
1
IOL
0.5
-
-
A
VO=(VEE+10V)
2
2-
-
High Level Output Voltage
IO=-100mA
VOH
VCC- 1
--
V
Low Level Output Voltage
IO=100mA
VOL
--
0.5
V
High Level Supply Current
Output Open, IF=10 to 16mA
ICCH
-3
6
mA
Low Level Supply Current
Output Open, VF=- 3 to +0.8V
ICCL
-3
6
Threshold Input Current, Low-to-High
IO=0mA, VO>5V
IFLH
--
8
mA
Threshold Input Voltage, High-to-Low
-
VFHL
0.8
-
-
V
Input Forward Voltage
IF=10mA
VF
1
1.35
1.7
V
Temperature Coefficient of Forward Voltage
IF=10mA
V
F/TA
--1.4-
mV/°C
Input Reverse Breakdown Voltage
IR=10ABVR
5-
-
V
Input Capacitance
f=1MHz, VF=0V
CIN
-30-
pF
UVLO Threshold
VO>5V, IF=10mA
VUVLO+
-8.7
-
V
VUVLO-
-8.1
-
UVLO Hysteresis
VO>5V, IF=10mA
UVLOHYS
-0.6
-
V


Similar Part No. - IX3180G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
logo
Clare, Inc.
IX3120G CLARE-IX3120G Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
IXYS Corporation
IX3120G IXYS-IX3120G Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
IX3120GE IXYS-IX3120GE Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
More results

Similar Description - IX3180G

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
   1.0A maximum peak output current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com