Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IX2113B Datasheet(PDF) 11 Page - IXYS Corporation

Part # IX2113B
Description  Outputs Capable of Sourcing and Sinking 2A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2113B Datasheet(HTML) 11 Page - IXYS Corporation

Back Button IX2113B Datasheet HTML 5Page - IXYS Corporation IX2113B Datasheet HTML 6Page - IXYS Corporation IX2113B Datasheet HTML 7Page - IXYS Corporation IX2113B Datasheet HTML 8Page - IXYS Corporation IX2113B Datasheet HTML 9Page - IXYS Corporation IX2113B Datasheet HTML 10Page - IXYS Corporation IX2113B Datasheet HTML 11Page - IXYS Corporation IX2113B Datasheet HTML 12Page - IXYS Corporation IX2113B Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2113
R03
www.ixysic.com
11
3
Manufacturing Information
3.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. IXYS Integrated
Circuits Division classified all of its plastic encapsulated devices for moisture sensitivity according to the
latest version of the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product
evaluation. We test all of our products to the maximum conditions set forth in the standard, and guarantee
proper operation of our devices when handled according to the limitations and information in that standard as well as
to any limitations set forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according to
the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
3.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard
JESD-625.
3.3 Reflow Profile
This product has a maximum body temperature and time rating as shown below. All other guidelines of
J-STD-020 must be observed.
3.4 Board Wash
IXYS Integrated Circuits Division recommends the use of no-clean flux formulations. However, board washing to
remove flux residue is acceptable, and the use of a short drying bake may be necessary. Chlorine-based or
Fluorine-based solvents or fluxes should not be used. Cleaning methods that employ ultrasonic energy should not be
used.
Device
Moisture Sensitivity Level (MSL) Rating
IX2113B, IX2113G
MSL 1
Device
Maximum Temperature x Time
IX2113B
260°C for 30 seconds
IX2113G
245°C for 30 seconds


Similar Part No. - IX2113B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX2120 IXYS-IX2120 Datasheet
263Kb / 13P
   1200V High and Low Side
IX2120B IXYS-IX2120B Datasheet
263Kb / 13P
   1200V High and Low Side
IX2120BTR IXYS-IX2120BTR Datasheet
263Kb / 13P
   1200V High and Low Side
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
IX2127 CLARE-IX2127 Datasheet
1Mb / 12P
   High-Voltage Power MOSFET & IGBT Driver
More results

Similar Description - IX2113B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4103 MICREL-MIC4103_10 Datasheet
718Kb / 18P
   100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
MIC4103 MICREL-MIC4103 Datasheet
597Kb / 17P
   100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
logo
Honeywell Solid State E...
103SR13A-2 HONEYWELL-103SR13A-2 Datasheet
55Kb / 3P
   Current sinking or current sourcing ouput
logo
Maxim Integrated Produc...
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
   Electronic load capable of 2A
Rev 0; 8/18
logo
Intersil Corporation
ISL88550A INTERSIL-ISL88550A Datasheet
789Kb / 25P
   Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
logo
Renesas Technology Corp
ISL88550A RENESAS-ISL88550A Datasheet
1Mb / 25P
   Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380 Datasheet
407Kb / 12P
   Half-Bridge Gate Driver (SOURCING/SINKING : 90mA/180mA)
logo
Maxim Integrated Produc...
MAX1917 MAXIM-MAX1917 Datasheet
336Kb / 18P
   Tracking, Sinking and Sourcing, Synchronous Buck Controller for DDR Memory and Termination Supplies
Rev 1; 6/02
logo
Omron Electronics LLC
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
   Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
G6D OMRON-G6D Datasheet
164Kb / 4P
   Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com