Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13-PWB-025-12-D Datasheet(PDF) 3 Page - API Technologies Corp

Part # 13-PWB-025-12-D
Description  Power Line Filters Three Phase
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

13-PWB-025-12-D Datasheet(HTML) 3 Page - API Technologies Corp

  13-PWB-025-12-D Datasheet HTML 1Page - API Technologies Corp 13-PWB-025-12-D Datasheet HTML 2Page - API Technologies Corp 13-PWB-025-12-D Datasheet HTML 3Page - API Technologies Corp 13-PWB-025-12-D Datasheet HTML 4Page - API Technologies Corp 13-PWB-025-12-D Datasheet HTML 5Page - API Technologies Corp 13-PWB-025-12-D Datasheet HTML 6Page - API Technologies Corp 13-PWB-025-12-D Datasheet HTML 7Page - API Technologies Corp 13-PWB-025-12-D Datasheet HTML 8Page - API Technologies Corp 13-PWB-025-12-D Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Power Line Filters
Three Phase
Low Current/High Performance
Temperature Characteristics
BL
BL
BK
BK
4.444
(113)
4.050
(103)
3.585
(91.2)
.547
(13.9)
.547
(13.9)
.983
(25)
2 - .197
(ø5) Hole
Fast-on
tab #250
1.809
(46)
.208
(5.3)
2.045
(52)
.629
(
16)
.708
(
18)
1.376
(35)
5 — .157
(M4)
2.753
(70)
.865
(22)
.865
(22)
3.460
(88)
3.539
(90)
.039
(1)
.944
(24)
* General
tolerance
±
.020
(0.5)
Common Mode
63-PMF-030-8-14and63-PMF-080-8-14(3and8Amp)
62-PMB-050-6-12(5Amp)
63-PMF-160-9-21(16Amp)
Normal Mode
Dimensions in inches
(mm)
63-PMF-030-8-14
63-PMF-160-9-21
63-PMF-080-8-14
63-PMB-050-8-12
63-PMF-030-8-14
63-PMF-160-9-21
63-PMF-080-8-14
63-PMB-050-8-12
62-PMB-050-6-12(5Amp)
63-PMF(3,8and16Amp)
62-PMB-050-6-12(5Amp)
63-PMF(3,8and16Amp)
Fast on
tab #250
.350
(8.9)
.350
(8.9)
.350
(8.9)
4.404
(112)
5.112
(130.0)
5.702
(145 ± 0.5)
6.292
(160)
4 - .216
(ø5.5) Hole
.362
(9.2)
4.286
(109)
3.146
(80.0±0.5)
* General
tolerance
±
..059
(1.5)
Fast on
tab #250
(Ground
tab)
.708
(18)
1.494
(38)
2.359
(60)
PF81
62-PMB/63-PMF Series


Similar Part No. - 13-PWB-025-12-D

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
13-000011 CONEC-13-000011 Datasheet
266Kb / 2P
   MicroTCA Dual Port 90° 48V / 60V Power Module Input Connector Male with threaded insert, metal bracket, snap, hex bolt
11.06.07
13-000021 CONEC-13-000021 Datasheet
185Kb / 2P
   MicroTCA 48V / 60V Power Module Input Connector Male with threaded insert, metal bracket and snap
03.07.07
13-000031 CONEC-13-000031 Datasheet
272Kb / 2P
   SMD CONNECTOR 90° Male with threaded insert, metal bracket, fixing plate, snap and hex bolt
11.06.07
13-000041 CONEC-13-000041 Datasheet
184Kb / 2P
   SMD CONNECTOR 90° Male with threaded insert, metal bracket, fixing plate and snap
03.07.07
13-000051 CONEC-13-000051 Datasheet
228Kb / 2P
   MicroTCA Single Port 90° 48V / 60V Power Module Input Connector Male with threaded insert, metal bracket, snap, hex bolt
12.06.07
More results

Similar Description - 13-PWB-025-12-D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
16AYA6A MACOM-16AYA6A Datasheet
1Mb / 2P
   Three Phase RFI Line Filters
logo
PREMO CORPORATION S.L
PFT-3Z PREMO-PFT-3Z Datasheet
224Kb / 2P
   Three Phase Neutral Filters
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
APH TEC-APH Datasheet
1Mb / 2P
   High Current 3-Phase Power Line Filters
logo
Tyco Electronics
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
logo
Kemet Corporation
SC-35-SD040J KEMET-SC-35-SD040J Datasheet
171Kb / 1P
   KEMET, SC Three Phase, AC Line Filters, Common Mode, 40 uH
SCF31-150-S1R6A010JH KEMET-SCF31-150-S1R6A010JH Datasheet
131Kb / 1P
   KEMET, SCF Three Phase, AC Line Filters, Common Mode, 1000 uH
SCF47B-300-S2R0B012J KEMET-SCF47B-300-S2R0B012J Datasheet
163Kb / 1P
   KEMET, SCF Three Phase, AC Line Filters, Common Mode, 1200 uH
SC-10-S30JH KEMET-SC-10-S30JH Datasheet
130Kb / 1P
   KEMET, SC Three Phase, AC Line Filters, Common Mode, 3000 uH
SCR31-010-S1R1A035JH KEMET-SCR31-010-S1R1A035JH Datasheet
132Kb / 1P
   KEMET, SCR Three Phase, AC Line Filters, Common Mode, 3500 uH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com