Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62-MTB-300-5-21 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 62-MTB-300-5-21
Description  EMI/EMC Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

62-MTB-300-5-21 Datasheet(HTML) 1 Page - API Technologies Corp

  62-MTB-300-5-21 Datasheet HTML 1Page - API Technologies Corp 62-MTB-300-5-21 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
eis.apitech.com
|
+1.855.294.3800
|
eisSales@apitech.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Part Number
Rated
Voltage
Rated Current
Leakage Current
Max [at 250 V,
60Hz] [mA]
Temperature
Rise [°C]
Operating
Temperature
[°C]
62-MTB-060-5-21
250(50/60Hz)
06
0.5
45
-40~+85
including
temperature
rise
62-MTB-100-5-21
10
62-MTB-160-5-21
16
62-MTB-200-5-21
20
62-MTB-300-5-21
30
62-MTB-060-4-21
06
0.1
62-MTB-100-4-21
10
62-MTB-160-4-21
16
62-MTB-200-4-21
20
62-MTB-300-4-21
30
EMI/EMC Filter
2 Line, 2 Stage Power Filter
Features
• 2 line, 2 stage filter
• Easy connection and installation
• Excellent filtering characteristics for
both differential mode and common
mode
Applications
• Use in medical, industrial equipment,
gaming, other ground-current-sensitive
applications
• For equipment requiring very high
noise attenuation
• Measuring and testing instruments
*Many variations in X and Y capacitor value are available with approvals.
For the details, consult with a local agent.
Note:
Storage Temperature Range: -25°C to +60°C
Withstand Voltage:
4000V AC or 1500V for 1 minute between line and ground
(62-MTB-***-4-21: 4000VAC, 62-MTB-***-5-21: 1500VAC)
1800V DC for 1 minute between line and line (Without Resistor)
Insulation Resistance
300MΩ minimum at 500V DC between line and ground


Similar Part No. - 62-MTB-300-5-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
62-024-1M ETC2-62-024-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
62-036-1M ETC2-62-036-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
62-048-1M ETC2-62-048-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
62-060-1M ETC2-62-060-1M Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
OEN India Limited
62-12-1A-C OENINDIA-62-12-1A-C Datasheet
338Kb / 1P
   HEAVY-DUTY POWER RELAY
More results

Similar Description - 62-MTB-300-5-21

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
HP4 DIT-HP4 Datasheet
954Kb / 2P
   EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
   EMI/EMC FILTER
TB3 DIT-TB3 Datasheet
1Mb / 4P
   EMI/EMC FILTER
TBB DIT-TBB Datasheet
1Mb / 2P
   EMI/EMC FILTER
ES3 DIT-ES3 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CA5 DIT-CA5 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CN2-F30 DIT-CN2-F30 Datasheet
913Kb / 2P
   EMI/EMC FILTER
TB6-B DIT-TB6-B Datasheet
3Mb / 8P
   EMI/EMC FILTER
TY1 DIT-TY1 Datasheet
1Mb / 3P
   EMI/EMC FILTER
IF-0342-W DIT-IF-0342-W Datasheet
1Mb / 2P
   EMI/EMC FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com