Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1430Y-27 Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM1430Y-27
Description  18V Input, 100mA Current Limited, Micropower Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1430Y-27 Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM1430Y-27 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1430Y-27 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1430Y-27 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1430Y-27 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1430Y-27 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1430Y-27 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1430Y-27 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1430Y-27 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1430Y-27 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 Mar.2016
2/19
UM1430/1440
Pin Configurations
Top View
GND
VOUT
VIN
1
2
3
1
2
3
5XX
M: Month Code
UM1430S-xx
SOT23-3
VIN
GND
NC
NC
VOUT
1
2
3
4
5
1
2
3
4
5
5XX
M: Month Code
UM1430S5-xx
SOT23-5
GND
VIN
VOUT
VIN
1
2
3
1
2
3
4XX
M: Month Code
UM1430Y-xx
SOT89-3
VOUT
GND
VIN
GND
1
2
3
1
2
3
4XX
M: Month Code
UM1430B-xx
SOT89-3
VIN
GND
EN
NC
VOUT
1
2
3
4
5
1
2
3
4
5
5XX
M: Month Code
UM1440S-xx
SOT23-5
1
2
3
4
5
VOUT
VIN
GND
EN
NC
VIN
1
2
3
4
5
1440-XX
XX
XX: Week Code
UM1440Y-xx
SOT89-5


Similar Part No. - UM1430Y-27

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-20 UNIONSEMI-UM1431B-20 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-21 UNIONSEMI-UM1431B-21 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-22 UNIONSEMI-UM1431B-22 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-23 UNIONSEMI-UM1431B-23 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
More results

Similar Description - UM1430Y-27

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
   High Input Micropower Linear Regulator
HM7550HB HMSEMI-HM7550HB Datasheet
222Kb / 2P
   High Input Micropower Linear Regulator
HM7530HB HMSEMI-HM7530HB Datasheet
194Kb / 2P
   High Input Micropower Linear Regulator
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Sipex Corporation
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
logo
Analog Microelectronics
AME78LXX AME-AME78LXX Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com