Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1770DA-18 Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM1770DA-18
Description  500mA, Micropower, VLDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1770DA-18 Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM1770DA-18 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1770DA-18 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1770DA-18 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1770DA-18 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1770DA-18 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1770DA-18 Datasheet HTML 10Page - Union Semiconductor, Inc. UM1770DA-18 Datasheet HTML 11Page - Union Semiconductor, Inc. UM1770DA-18 Datasheet HTML 12Page - Union Semiconductor, Inc. UM1770DA-18 Datasheet HTML 13Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Jan.2015
10/13
UM1770
Pin Function
SHDN
___________
: Shutdown, Active Low. This pin is used to put the UM1770 into shutdown. The SHDN
___________
pin cannot be left floating and must be tied to the input pin if not used.
GND: Ground and Heat Sink. Solder to a ground plane or large pad to maximize heat dissipation.
VIN: Power for UM1770 and Load. Power is supplied to the devices through the IN pin. The IN
pin should be locally bypassed to ground if the UM1770 series are more than a few inches away
from another source of bulk capacitance.
VOUT: Voltage Regulated Output. The OUT pin supplies power to the load. A minimum output
capacitor of 1μF is required to ensure stability. Larger output capacitors may be required for
applications with large transient loads to limit peak voltage transients.
NC: Not Connected.
FB: Output voltage feedback. This terminal is used to set the output voltage.
Output Voltage Setting
The output voltage of the UM1770 adjustable regulator is programmed using an external resistor
divider as shown in Figure 2. The output voltage is calculated using:


2
1
1
R
R
V
V
FB
OUT
Where: VFB = 1.00V (Typ) (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 3-5μA divider current. Lower value
resistors can be used but offer no inherent advantage and waste more power. Higher values should
be avoided, as leakage currents at FB increase the output voltage error. The recommended design
procedure is to choose R2 = 200kΩ to set the divider current at 5μA and then calculate R1 using:
2
1
1
R
V
V
R
FB
OUT


Where: VFB = 1.00V (Typ).
Typical Application Circuit
VIN
VOUT
SHDN
GND
CIN
1
μF
VIN
Chip Enable
COUT
1
μF
VOUT
Figure 1. Fixed Output Voltage Application Circuit
VIN
VOUT
SHDN
GND
FB
CIN
1
μF
VIN
Chip Enable
COUT
1
μF
VOUT
R1
R2
Figure 2. Adjustable Output Voltage Application Circuit


Similar Part No. - UM1770DA-18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1770 STMICROELECTRONICS-UM1770 Datasheet
629Kb / 56P
   BlueNRG profile application interface
More results

Similar Description - UM1770DA-18

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com