Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD166025T1J-E1-AY Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD166025T1J-E1-AY
Description  INTELLIGENT POWER DEVICE
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166025T1J-E1-AY Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD166025T1J-E1-AY Datasheet HTML 3Page - Renesas Technology Corp UPD166025T1J-E1-AY Datasheet HTML 4Page - Renesas Technology Corp UPD166025T1J-E1-AY Datasheet HTML 5Page - Renesas Technology Corp UPD166025T1J-E1-AY Datasheet HTML 6Page - Renesas Technology Corp UPD166025T1J-E1-AY Datasheet HTML 7Page - Renesas Technology Corp UPD166025T1J-E1-AY Datasheet HTML 8Page - Renesas Technology Corp UPD166025T1J-E1-AY Datasheet HTML 9Page - Renesas Technology Corp UPD166025T1J-E1-AY Datasheet HTML 10Page - Renesas Technology Corp UPD166025T1J-E1-AY Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
µ
PD166025T1J Datasheet
3. Specification
R07DS1112EJ0200 Rev.2.00
Page 7 of 39
May 22, 2015
3.5 Electrical Characteristics
Operation function
Tch=-40 to 150degreeC, Vcc=7 to 18V, unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Operating Voltage
VCC
4.5
28
V
VIN=4.5V
RL=2ohm
Operating current
IGND
2.2
4
mA
VIN=4.5V
Output Leakage current
IL(off)
0.5
µA
Tch=25°C
VCC=13.5V,
VIN=0V,
VSEN=0V,
VIS=0V,
VOUT=0V,
VGND=0V
3
Tch=-40~125°C
Standby current
ICC(off)
0.5
µA
Tch=25°C
VCC=13.5V,
VIN=0V,
VSEN=0V,
VIS=0V,
VOUT=0V,
VGND=0V
1.5
Tch=-40~85°C
On-state resistance
Ron
16
mohm
Tch=25°C, IL=6.8A
32
Tch=150°C, IL=6.8A
Low level IN pin voltage
VIL
0.8
V
High level IN pin voltage
VIH
2.5
V
Low level IN pin current
IIL
2
25
µA
VIN=0.8V
High level IN pin current
IIH
2
25
µA
VIN=2.5V
Clamping IN pin voltage 1)
VZIN
5
6
V
Low level SEN pin voltage
VSENL
0.8
V
High level SEN pin voltage
VSENH
2.5
V
Low level SEN pin current
ISENL
2
25
µA
VSEN=0.8V
High level SEN pin current
ISENH
2
25
µA
VSEN=2.5V
Clamping SEN pin voltage1)
VZSEN
5
6
V
Under voltage shutdown
VCC(Uv)
4.5
V
Under voltage restart
VCC(Cpr)
5.0
V
Turn on time
ton
200
µs
VCC=13.5V, RL=2ohm
Turn on delay time
td(on)
100
µs
Turn off time
toff
200
µs
Turn off delay time
td(off)
150
µs
Slew rate on
dV/dton
1.0
V/µs
Slew rate off
-dV/dtoff
1.0
V/µs
Switching drift1)
ton-toff
-50
+50
µs
Vcc = 9 to 18V drift from Vcc=13.5V,
Tch=-40 to 150degreeC drift from
Tch=25degreeC
ton; Vout=Vcc-1.5V after input signal active
Turn on energy loss 1)
Eon
1.2
2.4
mJ
VCC=13.5V,Tch=25°C, RL=2ohm
Turn off energy loss 1)
Eoff
1.2
2.4
mJ
Driving capability 1)
Dr(capa)
125
mohm
Tch=25°C, VCC=8~16V
160
Tch=105°C, VCC=8~16V
Remark) All voltages refer to ground pin of the device
1) not subjected production test, guaranteed by design


Similar Part No. - UPD166025T1J-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16602 NEC-UPD16602 Datasheet
134Kb / 16P
   312-OUTPUT TFT-LCD FULL COLOR DRIVER
logo
Renesas Technology Corp
UPD16602 RENESAS-UPD16602 Datasheet
231Kb / 18P
   MOS INTEGRATED CIRCUIT
1998
UPD166020T1F RENESAS-UPD166020T1F Datasheet
383Kb / 25P
   MOS INTEGRATED CIRCUIT
UPD166020T1F-E1-AY RENESAS-UPD166020T1F-E1-AY Datasheet
383Kb / 25P
   MOS INTEGRATED CIRCUIT
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD166025T1J-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166032T1U RENESAS-UPD166032T1U Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com