Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1770Y-40 Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM1770Y-40
Description  500mA, Micropower, VLDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1770Y-40 Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM1770Y-40 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1770Y-40 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1770Y-40 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1770Y-40 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1770Y-40 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1770Y-40 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1770Y-40 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1770Y-40 Datasheet HTML 10Page - Union Semiconductor, Inc. UM1770Y-40 Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Jan.2015
7/13
UM1770
Typical Characteristics (shown for 1.1V output option)
(CIN=1.0μF, COUT = 1.0μF, TA = 25℃, unless otherwise specified.)
VIN=6.0V
Io=150mA
VIN=2.5V
VIN=2.5V, Io=5mA
VIH
VIL
Quiescent Current vs Input Voltage
Quiescent Current vs Temperature
Output Voltage vs Input Voltage
Output Voltage vs Output Current
Output Voltage vs Temperature
Enable Threshold Voltage vs Input Voltage


Similar Part No. - UM1770Y-40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1770 STMICROELECTRONICS-UM1770 Datasheet
629Kb / 56P
   BlueNRG profile application interface
More results

Similar Description - UM1770Y-40

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com